VLS252010HBX-R33M-1
AI

The **VLS252010HBX-R33M-1** is a high-performance, surface-mount (SMD) power inductor manufactured by **TDK**. It is part of the VLS-HBX series, designed specifically for power circuits in compact electronic devices like smartphones and tablets.
---
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 0.33 µH |
| **Tolerance** | ±20% (M) |
| **DC Resistance (Max)** | 0.026 Ω (26 mΩ) |
| **Rated Current (Isat)** | 5.35 A (Saturation Current) |
| **Rated Current (Itemp)** | 3.96 A (Temperature Rise Current) |
| **Operating Temperature** | -40°C to +105°C |
| **Package Size (Metric)** | 2520 (2.5mm x 2.0mm) |
| **Height** | 1.0 mm (Max) |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying the specific attributes:
* **VLS**: Series Name (Wound Ferrite)
* **252010**: Dimensions (2.5mm length x 2.0mm width x 1.0mm height)
* **HBX**: Magnetic shield type with high-current metallic magnetic material
* **R33**: Inductance value (R33 = 0.33 µH)
* **M**: Inductance tolerance (±20%)
* **1**: Internal TDK code/Packaging style
---
### 3. Key Features & Advantages
* **Metallic Magnetic Material**: Unlike standard ferrite inductors, the HBX series uses a metallic powder core. This allows for a higher saturation current ($I_{sat}$) and better performance in high-load conditions.
* **Magnetic Shielding**: The structure is magnetically shielded, which minimizes Electromagnetic Interference (EMI) with surrounding components on a dense PCB.
* **Low Profile**: With a height of only 1.0mm, it is ideal for slim portable electronics.
* **High Efficiency**: Low DC resistance (DCR) minimizes power loss as heat, extending battery life in mobile devices.
---
### 4. Common Applications
This inductor is typically used in **DC-DC Converter circuits** for:
1. **Smartphones & Wearables**: Managing power for CPUs and GPUs.
2. **HDD/SSD**: Power regulation for high-speed data storage.
3. **Communication Modules**: Low-noise power supply for Bluetooth or Wi-Fi chips.
---
- ⤷What is the difference between Isat and Itemp in this inductor?
- ⤷ How does metallic magnetic material compare to standard ferrite cores?
- ⤷ Can this inductor be used in automotive applications?