công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • VLS252008ET-R47N

  • AI
    The **VLS252008ET-R47N** is a high-performance power inductor manufactured by **TDK**. It is part of the VLS-E series, specifically designed for DC-to-DC converter circuits in compact portable devices. --- ### 1. Technical Specifications Below is a breakdown of the core electrical and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.47 µH | | **Tolerance** | ±30% | | **DC Resistance (DCR)** | 0.046 Ω (Max) / 0.038 Ω (Typ) | | **Rated Current (Isat)** | 2.55 A (Based on Inductance Change) | | **Rated Current (Itemp)** | 2.25 A (Based on Temperature Rise) | | **Case Size (Metric)** | 2520 (2.5mm x 2.0mm) | | **Height** | 0.80 mm (Ultra-low profile) | | **Shielding** | Magnetic Shielded | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the component's physical and electrical properties: * **VLS**: Series Name (Wound Ferrite) * **2520**: Dimensions (Length 2.5mm x Width 2.0mm) * **08**: Height (0.8mm) * **E**: External Terminals (Lead-free) * **T**: Packaging (Taping/Reel) * **R47**: Inductance Value (R47 = 0.47 µH) * **N**: Tolerance (±30%) --- ### 3. Key Features and Applications #### Key Features * **Magnetic Shielding:** Uses a magnetic resin to shield the coil, minimizing electromagnetic interference (EMI) with surrounding components. * **Low Profile:** The 0.8mm height makes it ideal for thin electronic assemblies like smartphones or wearables. * **High Current Density:** Despite its small size, it handles relatively high saturation currents. #### Common Applications 1. **Smartphones & Tablets:** Used in power management IC (PMIC) circuits. 2. **HDD/SSD Drives:** For voltage regulation in storage devices. 3. **Wearable Tech:** Ideal for smartwatches where PCB space and height are restricted. 4. **DC-DC Converters:** General-purpose point-of-load (POL) conversion. --- ### 4. Selection Considerations When designing with the VLS252008ET-R47N, consider the following: * **Self-Heating:** Ensure the operating environment plus the temperature rise from the current does not exceed the component's maximum temperature rating (usually 105°C or 125°C depending on the specific datasheet revision). * **Saturation:** The "Isat" rating is critical; if the current exceeds 2.55A, the inductance will drop significantly, potentially causing instability in the power supply.
    ✨ Follow-up Questions
    • ⤷ What are the recommended alternatives for higher current requirements?
    • ⤷ How does magnetic resin shielding compare to metal composite shielding?
    • ⤷ What is the typical self-resonant frequency for this inductor?