VLS201612HBX-R68M-1
AI

The **VLS201612HBX-R68M-1** is a high-performance, surface-mount (SMD) power inductor manufactured by **TDK**. It belongs to the VLS-HBX series, which features a magnetic shield and is designed for high-density power supply circuits.
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 0.68 µH |
| **Tolerance** | ±20% (M) |
| **DC Resistance (Max)** | 0.054 Ω (54 mΩ) |
| **Rated Current (Isat)** | 4.35 A (Based on inductance change) |
| **Rated Current (Itemp)** | 3.12 A (Based on temperature rise) |
| **Operating Temperature** | -40°C to +105°C |
| **Dimensions (LxWxH)** | 2.0mm x 1.6mm x 1.2mm |
| **Magnetic Shielding** | Yes (Resin based) |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
- **VLS**: Product Series (Wound core, magnetic shield)
- **201612**: Case size (2.0mm length x 1.6mm width x 1.2mm height)
- **HBX**: High current application / Metallic magnetic material
- **R68**: Inductance value (R68 = 0.68 µH)
- **M**: Inductance tolerance (±20%)
- **1**: Internal TDK code/Packaging suffix
---
### 3. Core Features and Technology
* **Metallic Magnetic Material:** Unlike standard ferrite inductors, the HBX series uses a metallic magnetic material. This allows for higher saturation currents in a smaller footprint.
* **Magnetic Shielding:** The coil is encapsulated in a magnetic resin. This reduces electromagnetic interference (EMI) and prevents the magnetic flux from affecting neighboring components on a PCB.
* **Low Profile:** At only 1.2mm in height, it is ideal for slim portable electronics.
### 4. Typical Applications
This inductor is commonly found in DC-to-DC converter circuits for:
* **Smartphones and Tablets:** Power management modules.
* **Wearable Devices:** Smartwatches or fitness trackers requiring high efficiency.
* **HDD/SSD:** Power rails for portable storage devices.
* **IoT Modules:** Compact wireless communication sensors.
---
- ⤷What is the difference between Isat and Itemp current ratings for this inductor?
- ⤷ Are there alternative inductors with the same footprint but higher inductance?
- ⤷ How does the metallic magnetic material compare to a traditional ferrite core?