công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • VLS201612ET-R68N

  • AI
    The **VLS201612ET-R68N** is a low-profile, magnetic shield type wire-wound inductor manufactured by **TDK Corporation**. It is part of the VLS series, specifically designed for power circuit applications where space is limited. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.68 µH | | **Tolerance** | ±30% | | **DC Resistance (Max)** | 0.054 Ω (54 mΩ) | | **Rated Current (Isat)** | 2.55 A (Based on inductance change) | | **Rated Current (Itemp)** | 2.25 A (Based on temperature rise) | | **Operating Temperature** | -40°C to +105°C | | **Dimensions (LxWxH)** | 2.0mm x 1.6mm x 1.2mm | --- ### 2. Physical Construction and Features The VLS201612ET-R68N features a specialized design to balance performance and size: * **Wire-Wound Core:** Uses a metallic magnetic material (ferrite) core with copper wire winding to achieve high current capacity in a small footprint. * **Magnetic Shielding:** The structure is resin-shielded, which minimizes electromagnetic interference (EMI) with surrounding components. * **Low Profile:** The "12" in the part number indicates a maximum height of 1.2mm, making it ideal for slim electronic devices. --- ### 3. Part Number Breakdown Understanding the nomenclature helps in identifying variants: | Segment | Meaning | | :--- | :--- | | **VLS** | Product Series Name (Wire-wound Inductor) | | **2016** | Dimensions (2.0mm x 1.6mm) | | **12** | Height (1.2mm max) | | **ET** | Packaging style (Taping/Reel) | | **R68** | Inductance Value (R68 = 0.68 µH) | | **N** | Inductance Tolerance (N = ±30%) | --- ### 4. Common Applications Due to its high current handling and small size, this part is frequently found in: * **Smartphones and Tablets:** DC-DC converter modules. * **Wearable Tech:** Smartwatches and fitness trackers. * **HDD/SSD:** Power management circuits for portable storage. * **IoT Devices:** Battery-powered modules requiring efficient power regulation. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Isat and Itemp rated currents?
    • ⤷ How does the magnetic shielding in this inductor compare to unshielded types?
    • ⤷ Are there automotive-grade (AEC-Q200) versions of the VLS series?