công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • VLS201612ET-R47N

  • AI
    The **VLS201612ET-R47N** is a low-profile, surface-mount magnetic shield type wire-wound inductor manufactured by **TDK**. It is part of the VLS series, designed specifically for power circuit applications where space is a premium. --- ### ## Technical Specifications Below are the key electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.47 µH | | **Tolerance** | ±30% | | **DC Resistance (Max)** | 0.054 Ω (54 mΩ) | | **Rated Current (Isat)** | 2.55 A (Based on inductance change) | | **Rated Current (Itemp)** | 2.15 A (Based on temperature rise) | | **Operating Temperature** | -40°C to +105°C | | **Dimensions (L x W x H)** | 2.0mm x 1.6mm x 1.2mm | --- ### ### Key Features and Construction 1. **Magnetic Shielding:** The inductor is magnetically shielded using a magnetic resin. This minimizes electromagnetic interference (EMI), making it suitable for high-density mounting. 2. **Wire-Wound Structure:** It utilizes a metallic core/wire-wound design which allows it to handle higher currents compared to multilayer inductors of the same size. 3. **Compact Form Factor (2016 Case):** The "2016" code refers to the metric dimensions (2.0mm x 1.6mm). The "12" indicates a maximum height of 1.2mm, making it ideal for thin electronic devices. 4. **High Reliability:** Designed to maintain stable performance even under high-frequency switching environments. --- ### ### Common Applications This part is typically found in the power management units (PMU) of portable electronics: * **Smartphones & Tablets:** Used in DC-DC converter circuits to manage battery power. * **Wearable Devices:** Ideal for smartwatches due to the ultra-low profile. * **HDD/SSD Drives:** Used for localized voltage regulation. * **LCD Displays:** Powering driver circuits. --- ### ### Decoding the Part Number The part number follows a specific TDK nomenclature: | Segment | Meaning | | :--- | :--- | | **VLS** | Product Series Name | | **201612** | Dimensions (2.0 x 1.6 x 1.2 mm) | | **ET** | Packaging style (Taping/Reel) | | **R47** | Inductance Value (R47 = 0.47 µH) | | **N** | Inductance Tolerance (N = ±30%) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between Isat and Itemp for this inductor?
    • ⤷ Are there automotive-grade (AEC-Q200) versions of this series?
    • ⤷ How does the magnetic resin shielding compare to traditional ferrite shielding?