VLS201610HBX-R33M-1
AI

The **VLS201610HBX-R33M-1** is a high-performance, low-profile power inductor manufactured by **TDK Corporation**. It is specifically designed for high-density surface mount applications like smartphones, tablets, and wearable devices.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and electrical characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.33 µH |
| **Tolerance** | ±20% (M) |
| **DC Resistance (RDC)** | 0.027 Ω (Max) / 0.022 Ω (Typ) |
| **Rated Current (Isat)** | 5.35 A (Saturation based) |
| **Rated Current (Itemp)** | 4.15 A (Temperature rise based) |
| **Dimensions (LxWxH)** | 2.0 x 1.6 x 1.0 mm |
| **Core Material** | Metal Magnetic Material (Iron Powder) |
| **Shielding** | Magnetic Shielded |
---
### 2. Key Features
* **Metal Core Technology:** Unlike traditional ferrite inductors, this part uses a metallic magnetic material. This allows for higher saturation currents in a smaller footprint.
* **Magnetic Shielding:** The structure is resin-shielded to minimize electromagnetic interference (EMI) with surrounding components.
* **Low Profile:** With a maximum height of 1.0mm, it is ideal for ultra-thin electronic assemblies.
* **High Efficiency:** The low DC resistance helps minimize power loss, which is critical for battery-operated devices.
---
### 3. Part Number Breakdown
Understanding the code helps in identifying similar components in the series:
| Segment | Meaning |
| :--- | :--- |
| **VLS** | Series Name (Wound Ferrite/Metal Core) |
| **201610** | Dimensions (2.0mm x 1.6mm x 1.0mm) |
| **HBX** | Material/Design Internal Code |
| **R33** | Inductance Value (R33 = 0.33 microhenries) |
| **M** | Tolerance (M = ±20%) |
| **-1** | Taping/Packaging Style |
---
### 4. Common Applications
This inductor is typically used in **DC-to-DC converter circuits** for power management.
* **Consumer Electronics:** Smartwatch power rails, smartphone CPU/GPU power supply.
* **Communication:** Bluetooth and Wi-Fi module power filtering.
* **IoT Devices:** Compact sensors requiring efficient voltage regulation.
- ⤷
What is the difference between Isat and Itemp for this inductor?
- ⤷ Can this inductor be used in automotive applications?
- ⤷ What are the recommended soldering profiles for the VLS series?