VLMW15..
AI

The **VLMW15** series (specifically the VLMW1500) represents a line of high-brightness **White Surface Mount (SMT) LEDs** manufactured by Vishay Semiconductors. These components are designed in the ultra-small 0402 package, making them ideal for space-constrained applications.
---
## 1. Technical Specifications
Below is a summary of the typical electrical and optical characteristics for the VLMW1500 series.
| Parameter | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| **Luminous Intensity** | $I_v$ | 180 - 450 | mcd |
| **Forward Current** | $I_f$ | 5 - 20 | mA |
| **Forward Voltage** | $V_f$ | 2.9 - 3.3 | V |
| **Reverse Voltage** | $V_r$ | 5 | V |
| **Viewing Angle** | $2\phi$ | 130 | deg |
| **Package Size** | - | 1.0 x 0.5 x 0.35 (0402) | mm |
---
## 2. Key Electronic Features
### A. Material Technology
The VLMW15 series utilizes **InGaN (Indium Gallium Nitride)** technology. This chip-on-board technology is essential for producing high-efficiency blue light, which is then converted to white light via a yellow phosphor coating.
### B. Thermal and Power Management
* **Operating Temperature:** Generally rated from $-40\text{°C}$ to $+85\text{°C}$.
* **Power Dissipation:** Very low, typically around $70\text{ mW}$, allowing for high-density mounting without excessive heat build-up.
* **ESD Resistance:** These devices are sensitive to static; they are usually rated up to $2\text{ kV}$ according to the JESD22-A114-B standard.
### C. Optical Properties
* **High Luminous Intensity:** Despite the 0402 footprint, it offers high brightness.
* **Wide Viewing Angle:** The $130^\circ$ angle ensures uniform light distribution, making it suitable for backlighting.
---
## 3. Applications
Due to their miniature size and high efficiency, they are commonly used in:
* **Mobile Devices:** Backlighting for keypads and LCDs.
* **Automotive:** Dashboard indicators and small scale interior lighting.
* **Industrial:** Status indicators on dense PCB layouts.
* **Wearables:** Smartwatches and fitness trackers.
---
## 4. Soldering and Handling
The part is designed for **Lead (Pb)-free reflow soldering** processes.
```markdown
Note: Because it is an 0402 package, precision pick-and-place
machines are required. Manual soldering is difficult and
not recommended for production environments.
```
- ⤷What is the moisture sensitivity level (MSL) for the VLMW15 series?
- ⤷ How does the luminous intensity change with varying forward current?
- ⤷ Are there specific PCB landing pattern recommendations for the 0402 package?