VLB10050HT-R30N
AI

## Technical Overview: VLB10050HT-R30N
The **VLB10050HT-R30N** is a high-current, surface-mount (SMD) power inductor manufactured by **TDK Corporation**. It is specifically designed for use in power supply circuits, particularly for high-frequency DC-to-DC converters.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.3 µH (300 nH) |
| **Tolerance** | ±30% |
| **DC Resistance (DCR)** | 0.19 mΩ (Typical) |
| **Rated Current (Isat)** | 85 A (Saturation Current) |
| **Rated Current (Itemp)** | 52 A (Temperature Rise Current) |
| **Dimensions (L x W x H)** | 10.0 x 5.0 x 5.0 mm |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Physical Construction
The VLB series utilizes a specialized structure to handle extreme current densities:
* **Core Material:** Ferrite core, which offers high efficiency and low core losses at high frequencies.
* **Termination:** Lead-free plating, compatible with standard reflow soldering processes.
* **Form Factor:** A rectangular, low-profile package (10050 refers to the 10.0mm x 5.0mm footprint).
---
### 3. Application Use Cases
This component is found in environments requiring high power delivery in a small footprint:
* **Voltage Regulator Modules (VRM):** Used in CPU/GPU power delivery for servers and workstations.
* **Point of Load (POL):** High-efficiency power conversion near the load to minimize voltage drops.
* **Communication Equipment:** High-end routers and base stations requiring stable, high-amperage power rails.
---
### 4. Key Performance Characteristics
1. **Ultra-Low DCR:** With a DC resistance of only 0.19 mΩ, power loss through heat is minimized, leading to higher system efficiency.
2. **High Saturation Current:** The `R30` (0.3µH) rating allows for 85A of current before the inductance drops significantly, making it ideal for transient-heavy loads.
3. **Heat Resistance:** Designed to operate reliably in high-temperature environments often found in dense server racks.
- ⤷
What are the main differences between the VLB and SPM series inductors from TDK?
- ⤷ How does the saturation current (Isat) affect the efficiency of a DC-DC converter?
- ⤷ Are there recommended footprints for soldering this specific 10050 package?