công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • VI-RU

  • AI
    The **VI-RU** is a series of DC-DC converters manufactured by Vicor, belonging to their high-performance VI-200 and VI-J00 family. These parts are known for their high power density, reliability, and modular design. Below is an explanation of the electronic components and architecture of the VI-RU series. --- ### 1. Key Internal Components The VI-RU series utilizes a "Brick" architecture, consisting of several critical electronic sections: | Component Section | Description | | :--- | :--- | | **Power Transformer** | A high-frequency planar or wire-wound transformer that provides galvanic isolation between input and output. | | **Switching MOSFETs** | High-speed transistors used to chop the DC input into high-frequency AC. | | **Control IC** | An integrated circuit that monitors output voltage and adjusts the switching frequency to maintain regulation. | | **Rectifier Diodes** | Schottky or fast-recovery diodes that convert the secondary AC back into DC. | | **Input/Output Filters** | Capacitors and inductors (LC filters) designed to minimize ripple and electromagnetic interference (EMI). | --- ### 2. Technical Specifications The "VI-RU" designation typically refers to a specific configuration within the Vicor product line. Here are the general characteristics: * **Zero-Current Switching (ZCS):** Unlike traditional PWM converters, these parts use ZCS technology to reduce switching losses and noise, allowing for higher efficiency. * **Isolation:** Usually provides 3,000V RMS isolation. * **Input Ranges:** Can handle wide DC input ranges (e.g., 24V, 48V, 300V nominals). * **Output Regulation:** Includes remote sensing and output voltage trimming (adjustment) capabilities. --- ### 3. Part Number Decoding The Vicor nomenclature follows a specific logic. While "VI-RU" represents a specific family, a full part number (e.g., `VI-RU011-EXXX`) tells you: 1. **VI:** Standard product series. 2. **RU:** Generally indicates a "FlatPAC" or specialized multi-module configuration. 3. **Input/Output Codes:** Follow-up digits define the voltage and power levels. ### 4. Typical Application Circuit To use a VI-RU part, the electronic design must include external support components: ```cpp [Input Source] -> [Fuse] -> [EMI Filter] -> [VI-RU Module] -> [Output Filter] -> [Load] ^ | | | [Remote Sense] <-------| ``` --- ### 5. Protection Features The electronic circuitry within the module includes several protection layers: * **OTP:** Over Temperature Protection (shuts down if internal heat is too high). * **OVP:** Over Voltage Protection (latches off if the output exceeds limits). * **Short Circuit Protection:** Current limiting to prevent fire or component failure during a fault.
    ✨ Follow-up Questions
    • ⤷ What is the difference between VI-RU and standard VI-200 modules?
    • ⤷ How do I calculate the thermal dissipation requirements for a VI-RU part?
    • ⤷ What are the common failure modes for Vicor DC-DC converters?