VDR10D112K
AI

The **VDR10D112K** is a specific model of a Metal Oxide Varistor (MOV). It is a passive electronic component used primarily for voltage surge protection in electronic circuits.
---
### 1. Part Number Breakdown
The alphanumeric code provides specific technical details about the component:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **VDR** | Voltage Dependent Resistor | The generic category of the component (Varistor). |
| **10** | Element Size | Refers to the disc diameter (10mm). |
| **D** | Shape | Indicates a Disk-shaped component. |
| **112** | Varistor Voltage | $11 \times 10^2 = 1100V$. This is the nominal voltage. |
| **K** | Tolerance | Indicates a $\pm 10\%$ tolerance on the voltage rating. |
---
### 2. Key Technical Specifications
Based on the standard 10D112K datasheet parameters:
* **Varistor Voltage:** 1100V (Measured at 1mA DC).
* **Maximum Allowable Voltage:**
* **AC RMS:** ~680V
* **DC:** ~895V
* **Clamping Voltage:** Approximately 1815V (The maximum voltage the device will allow through during a surge).
* **Withstanding Surge Current:** Typically 2500A (8/20μs pulse).
* **Energy Absorption:** ~115 to 140 Joules.
---
### 3. Functional Characteristics
The VDR functions as a **non-linear resistor**. Its resistance changes based on the applied voltage:
1. **High Resistance State:** Under normal operating conditions (below 1100V), the VDR has very high resistance, acting like an open circuit.
2. **Low Resistance State:** When a high-voltage spike (surge) occurs, the resistance drops instantly.
3. **Shunting Action:** By dropping its resistance, it "shunts" (diverts) the excess current to the ground or neutral, protecting sensitive downstream components from overvoltage.
---
### 4. Applications
The VDR10D112K is typically used in high-voltage environments due to its 1100V rating:
* **Industrial Electronics:** Power supplies and motor controllers.
* **Lighting:** LED drivers and ballast protection.
* **Telecommunications:** Protection for power lines.
* **Consumer Appliances:** Protection against lightning strikes and power grid switching transients.
---
### 5. Circuit Symbol and Installation
The varistor is typically placed **in parallel** with the load it is intended to protect.
```mermaid
graph LR
Line --- VDR
VDR --- Neutral
Line --- Load
Neutral --- Load
```
- ⤷What is the difference between a Varistor and a TVS Diode?
- ⤷ How do I choose the correct Joule rating for a surge protector?
- ⤷ What are the common failure modes of a VDR?