công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • VBO25-16AO2

  • AI
    The **VBO25-16AO2** is a high-performance single-phase Bridge Rectifier module manufactured by IXYS (now part of Littelfuse). It is designed to convert alternating current (AC) into direct current (DC) in industrial applications. --- ### ## Technical Specifications Below are the primary electrical and thermal characteristics of the VBO25-16AO2: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Max. Repetitive Reverse Voltage** | $V_{RRM}$ | 1600 | Volts (V) | | **Average Output Current** ($T_C = 110^\circ C$) | $I_{dAV}$ | 31 | Amperes (A) | | **Surge Current** (50 Hz, Sine) | $I_{FSM}$ | 370 | Amperes (A) | | **Forward Voltage Drop** (per diode) | $V_F$ | 1.36 | Volts (V) | | **Isolation Voltage** (AC, 1 min) | $V_{ISOL}$ | 3000 | Volts (V) | | **Operating Temperature Range** | $T_{vj}$ | -40 to +150 | $^\circ C$ | --- ### ## Key Features * **High Reliability:** Built using Planar Passivated chips to ensure long-term stability and low leakage current. * **Single-Phase Full Wave:** Contains four diodes connected in a bridge configuration within a single housing. * **Excellent Thermal Management:** Features a copper base plate for efficient heat dissipation to a heatsink. * **Easy Mounting:** Utilizes a standard PWS-A package (also known as FO-A style) with screw terminals for secure electrical connections. --- ### ## Internal Circuit Diagram The module consists of four power diodes arranged to provide full-wave rectification. ```text AC Input (~) AC Input (~) | | ______|______ ______|______ | | | | [D1] [D3] [D2] [D4] | | | | |______+______| |______-______| | | DC Positive (+) DC Negative (-) ``` --- ### ## Typical Applications The VBO25-16AO2 is commonly found in the following systems: 1. **Input Rectifiers for Variable Speed Drives:** Converting mains AC to a DC bus for motor inverters. 2. **Battery Chargers:** High-current charging systems for industrial vehicles or UPS. 3. **DC Power Supplies:** Rectification stages for welding equipment or laboratory power sources. 4. **Field Supply for DC Motors:** Providing the necessary excitation current. ---
    ✨ Follow-up Questions
    • ⤷What is the recommended torque for mounting the VBO25-16AO2 to a heatsink?
    • ⤷ Can this module be used in a 3-phase system by combining multiple units?
    • ⤷ What are the common failure modes for this type of bridge rectifier?