công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • VAB-R06-B200

  • AI
    The **VAB-R06-B200** is an industrial-grade mainboard (carrier board) typically associated with VIA Technologies' VNT (VIA Networking Technologies) series. It is designed for ARM-based embedded applications, specifically targeting Digital Signage, Industrial Automation, and IoT gateways. --- ### 1. Core Technical Specifications The board is usually powered by a Rockchip SoC (System on Chip), designed for high-efficiency media processing. | Component | Specification | | :--- | :--- | | **Processor (SoC)** | Rockchip RK3399 (Dual-core Cortex-A72 + Quad-core Cortex-A53) | | **GPU** | ARM Mali-T860MP4 | | **Memory (RAM)** | 2GB or 4GB LPDDR4 | | **Storage** | 16GB eMMC 5.1 Flash (expandable via MicroSD) | | **Operating System** | Android 9.0 or Linux (Debian/Ubuntu) | --- ### 2. Key Electronic Interfaces & Connectivity The electronic architecture of the VAB-R06-B200 focuses on high-definition video output and robust networking. #### Video and Audio * **HDMI Output:** Supports up to 4K resolution at 60fps. * **LVDS/eDP:** Internal headers for connecting raw LCD panels directly. * **Audio:** 3.5mm Headphone jack, Speaker headers, and integrated MIC support. #### Networking & Communication * **Ethernet:** 10/100/1000Mbps Gigabit Ethernet port. * **Wireless:** Integrated Wi-Fi 802.11 a/b/g/n/ac and Bluetooth 4.2/5.0. * **Expansion:** Mini-PCIe slot (often used for 4G/LTE cellular modules). #### Input/Output (I/O) Headers * **USB:** 1x USB 3.0, 1x USB 2.0 (external), and internal USB headers. * **Serial:** Multiple COM ports (RS-232/485) for industrial sensor communication. * **GPIO:** General Purpose Input/Output pins for custom hardware triggering. --- ### 3. Power and Thermal Characteristics * **Power Input:** 12V DC input (via barrel jack or 4-pin internal header). * **Thermal Design:** Passive cooling (heatsink) is usually sufficient due to the low TDP of the Rockchip architecture, though active fan headers are often present for high-load environments. * **Form Factor:** Compact design (approx. 146mm x 102mm), following the 3.5" SBC (Single Board Computer) standard. --- ### 4. Typical Applications Because of its electronic makeup, this part is used in: 1. **Self-Service Kiosks:** Handling touch interfaces and 4K displays. 2. **Edge AI:** Using the RK3399's processing power for basic computer vision. 3. **Digital Out-of-Home (DOOH):** Reliable 24/7 video playback.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout details for the COM ports on the VAB-R06-B200?
    • ⤷ Which Linux kernels are officially supported for this board?
    • ⤷ Can the eMMC storage be upgraded or is it soldered to the PCB?