công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • V-C10-R2

  • AI
    The **V-C10-R2** is a specific electronic sub-assembly, commonly associated with the **Hitachi R-V (Inverter)** series refrigerators (and sometimes high-end vacuum cleaner controllers depending on the region). It serves as a specialized **control board or power module**. Below is a breakdown of the electronic components and functions typically found in this specific module. --- ## 1. Technical Specifications Overview The V-C10-R2 is essentially an **Embedded Control Module**. In refrigerator applications, it acts as the "brain" for the cooling cycle management. | Component Type | Role/Description | | :--- | :--- | | **Microcontroller (MCU)** | Typically a Renesas or Toshiba 8/16-bit chip that runs the logic firmware. | | **Inverter Driver** | An Integrated Power Module (IPM) that converts DC to AC to drive the compressor. | | **Switch Mode Power Supply (SMPS)** | Converts AC mains (110V/220V) to low voltage DC (5V, 12V) for logic. | | **Relay Block** | High-current switches for defrost heaters and fan motors. | | **Sensor Interface** | ADC (Analog-to-Digital) inputs for NTC thermistors. | --- ## 2. Key Electronic Sections ### A. Power Regulation (SMPS) The board features a high-frequency transformer and a switching IC (often from the **TOP** or **STR** series). This section reduces high-voltage AC into: * **12V - 15V:** Used to trigger relays and drive the IGBT gates. * **5V / 3.3V:** Used for the Microcontroller and LED display panels. ### B. The Inverter Circuitry Unlike standard boards, the "R2" revision often includes high-speed switching transistors (IGBTs). * **Rectifier Bridge:** Converts input AC to high-voltage DC (around 300V DC). * **Capacitor Bank:** Large electrolytic capacitors (usually 450V rated) to smooth the DC bus. * **PWM Control:** The MCU sends Pulse Width Modulation signals to vary the speed of the motor/compressor. ### C. Protection & I/O The board contains several passive components for safety: * **Varistors (MOV):** Protects against voltage surges. * **Optocouplers:** Provide galvanic isolation between the high-voltage side and the low-voltage logic side. * **Current Shunt Resistors:** Low-resistance, high-wattage resistors used to monitor the current draw of the compressor. --- ## 3. Common Failure Points If you are troubleshooting a V-C10-R2 board, these are the electronic parts most likely to fail: 1. **Electrolytic Capacitors:** Often bulge or leak, leading to "no power" or flickering displays. 2. **IGBT / IPM Module:** If the compressor fails to start but the board has power, the power module is likely shorted. 3. **Zener Diodes:** In the regulation circuit, these can short out, causing the MCU to lose power. ---
    ✨ Follow-up Questions
    • ⤷What are the specific voltage test points for the V-C10-R2 board?
    • ⤷ How can I test the IGBT module on this board using a multimeter?
    • ⤷ Which Hitachi refrigerator models are compatible with the V-C10-R2?