V-556-R
AI

The **V-556-R** typically refers to a high-performance **Broadband Hybrid Power Divider/Combiner**, often manufactured by companies like *L3Narda-MITEQ* or similar RF component specialists. These parts are critical in Radio Frequency (RF) and microwave systems.
---
## 1. Technical Specifications
The V-556-R is an electromechanical/passive component designed to split or combine RF signals with minimal loss and high isolation.
| Feature | Description |
| :--- | :--- |
| **Component Type** | 2-Way Hybrid Power Divider |
| **Frequency Range** | Typically covers 2.0 to 18.0 GHz (Broadband) |
| **Connector Type** | SMA Female (Standard) |
| **Impedance** | 50 Ohms |
| **Configuration** | 1 Input port to 2 Output ports (or vice versa) |
---
## 2. Key Electronic Functions
### A. Signal Splitting (Divider Mode)
In this mode, an input signal is applied to the common port and divided into two output signals. In a hybrid divider like the V-556-R, these signals are typically:
* **Equiphase:** The signals have the same phase.
* **Equal Amplitude:** The power is split exactly in half (-3dB per port, minus insertion loss).
### B. Signal Combining (Combiner Mode)
When used in reverse, signals fed into the two output ports are combined into the single common port. This is essential in power amplifier stages where multiple low-power signals are merged into one high-power signal.
### C. Isolation
One of the most important electronic aspects of the "R" series (Resistive/Hybrid) is **Isolation**. It uses internal resistors to ensure that signals entering Output Port 1 do not leak into Output Port 2. This protects sensitive upstream components.
---
## 3. Physical & Material Composition
* **Housing:** Usually made of machined aluminum or stainless steel with gold or nickel plating for conductivity and corrosion resistance.
* **Internal Circuitry:** Utilizes a stripline or microstrip design on high-frequency substrates (like Rogers or Teflon-based boards).
* **Connectors:** High-frequency SMA connectors designed for low VSWR (Voltage Standing Wave Ratio).
---
## 4. Common Applications
* **Electronic Warfare (EW):** Distributing signals across multiple antenna arrays.
* **Test and Measurement:** Splitting a source signal to a Device Under Test (DUT) and a Reference Power Meter simultaneously.
* **Communication Systems:** Used in base stations for signal routing.
- ⤷
What is the maximum power handling (Watts) for the V-556-R?
- ⤷ How does the insertion loss of this model compare to resistive power splitters?
- ⤷ Can this component be used in 180-degree phase shift applications?