V-2B6-R
AI

The **V-2B6-R** is a specific model of high-performance **Micro Switch** (often categorized as a snap-action switch), typically manufactured by **Omron**. These switches are designed for reliability and are used in everything from industrial machinery to household appliances.
---
### 1. Technical Specifications Table
| Parameter | Specification Details |
| :--- | :--- |
| **Switch Type** | Miniature Snap Action / Micro Switch |
| **Actuator Style** | Pin Plunger (Basic) |
| **Contact Form** | SPST-NC (Single Pole Single Throw, Normally Closed) |
| **Current Rating** | 15A to 20A (Heavy Duty) |
| **Voltage Rating** | 250 VAC |
| **Termination Style** | Solder / Quick Connect (#187) |
| **Operating Force** | ~1.96 N (200 gf) |
---
### 2. Breakdown of the Model Name (V-2B6-R)
Electronic part numbers are often codes representing specific physical and electrical traits. Here is the breakdown for this series:
* **V:** Refers to the "V-Series" miniature basic switches known for high durability and a wide range of current capacities.
* **2:** Usually indicates the specific contact gap or a variation in the internal mechanism.
* **B:** Generally signifies the **terminal type** (in this case, Solder terminals or #187 tab terminals).
* **6:** Relates to the **Contact Form**. In this specific sequence, it typically denotes a **Normally Closed (NC)** configuration.
* **R:** Often indicates a specific mounting orientation or a "Right-hand" side configuration, though in some Omron series, it may refer to the material or specialized certifications.
---
### 3. Key Electronic Components & Materials
The "electronic parts" within this switch consist of the following:
1. **Contacts:** Usually made of **Silver Alloy**. This material is chosen for its excellent conductivity and resistance to "pitting" or "welding" under high electrical loads.
2. **Spring Mechanism:** A high-precision **Beryllium Copper** or Stainless Steel snap spring. This ensures the "snap" action happens instantly, minimizing electrical arcing.
3. **Housing:** Made of **Thermoplastic (PBT)** or Phenolic resin. These materials are heat resistant and provide high dielectric strength (insulation).
4. **Terminals:** Brass with silver plating to ensure low contact resistance and ease of soldering.
---
### 4. Applications
Because of its high current rating (15A+), the V-2B6-R is commonly found in:
* **Safety Interlocks:** Microwave doors or industrial cage doors.
* **Control Panels:** As a limit switch to detect the position of moving parts.
* **Appliances:** Vacuum cleaners, heaters, and water pumps.
- ⤷
What is the difference between SPST-NC and SPDT in micro switches?
- ⤷ How do I test if a V-2B6-R switch is functioning correctly using a multimeter?
- ⤷ Can this switch be used in DC voltage applications
- ⤷ and what are the limitations?