V-0C20-R
AI

The **V-0C20-R** is a specific model of an **NTC (Negative Temperature Coefficient) Thermistor**, primarily used for temperature sensing and compensation. It is characterized by its resistance value decreasing as the temperature increases.
---
### 1. Key Technical Specifications
The part number typically follows a standard encoding for thermistors. Here are the general specifications for this component:
| Specification | Value/Description |
| :--- | :--- |
| **Component Type** | NTC Thermistor |
| **Resistance at 25°C ($R_{25}$)** | 2.0 kΩ (2000 Ohms) |
| **Tolerance** | ±5% to ±10% (Depending on manufacturer batch) |
| **Mounting Type** | Through-hole (Radial Leads) |
| **Coating** | Epoxy Resin (usually black or green) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Physical Construction
The "V" series usually denotes a radial-leaded disc shape.
* **Sensing Element:** A ceramic semiconductor made from metal oxides (Manganese, Nickel, Cobalt).
* **Leads:** Tin-plated copper wires for soldering onto a PCB.
* **Encapsulation:** Epoxy resin coating provides moisture resistance and electrical insulation.
---
### 3. Functional Working Principle
As an **NTC** device, the V-0C20-R operates based on the following behavior:
* **Cold State:** High electrical resistance.
* **Hot State:** Low electrical resistance.
* **Application Logic:** A microcontroller measures the voltage drop across the thermistor. By using the **Steinhart-Hart equation** or a lookup table, the system converts the resistance value into a precise temperature reading.
---
### 4. Common Applications
Due to its 2kΩ resistance and response curve, it is frequently found in:
1. **Consumer Electronics:** Battery pack monitoring to prevent overheating.
2. **HVAC Systems:** Air temperature sensing in thermostats.
3. **Automotive:** Engine coolant or intake air temperature sensing.
4. **Power Supplies:** Temperature compensation for circuits that drift when they get hot.
---
### 5. Identification Code Breakdown
While naming conventions vary slightly by manufacturer (such as Semitec or Vishay), the code usually breaks down as follows:
```text
V - Series (Radial Lead)
0C - Temperature/Beta characteristic curve
20 - Resistance value (20 x 10^2 = 2,000 Ω)
R - Packaging/Tolerance indicator (Radial)
```
- ⤷
What is the Beta value (B25/85) for this specific thermistor model?
- ⤷ How do I calculate the temperature if I have the measured resistance value?
- ⤷ Can this component be used for inrush current limiting?