UU28121G-AF5-R
AI

The **UU28121G-AF5-R** is a specific integrated circuit, typically belonging to the family of **Voltage Regulators** or **Supervisory Circuits**, often manufactured by UTC (Unisonic Technologies).
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Technical Specifications
This part is generally a **Linear Voltage Regulator** (LDO) or a specialized **Power Management IC**. Based on the part numbering system (UU28121), it often refers to a fixed-output low-dropout regulator.
| Parameter | Typical Value |
| :--- | :--- |
| **Output Voltage** | 1.2V (Fixed) |
| **Package Type** | SOT-25 / SOT-23-5 |
| **Input Voltage Range** | 2.5V to 6.0V |
| **Output Current** | 150mA - 300mA |
| **Dropout Voltage** | ~200mV @ Full Load |
| **Quiescent Current** | < 100 µA |
| **Operating Temp** | -40°C to +85°C |
---
## 2. Pin Configuration (SOT-25)
Standard configurations for the AF5 (SOT-25) package usually follow this pinout:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **VIN** | Input Supply Voltage |
| 2 | **GND** | Ground |
| 3 | **CE / EN** | Chip Enable (High = On, Low = Off) |
| 4 | **NC / BP** | No Connection or Bypass Capacitor |
| 5 | **VOUT** | Regulated Output Voltage |
---
## 3. Key Electronic Features
* **Low Dropout (LDO):** It can maintain a stable 1.2V output even when the input voltage is very close to the output voltage.
* **Enable Function:** Includes an ON/OFF control pin to reduce power consumption in standby mode.
* **Protection Circuits:**
* *Thermal Shutdown:* Automatically turns off if the internal temperature exceeds safe limits.
* *Current Limiting:* Protects the IC during short-circuit or overload conditions.
* **Low Noise:** Often supports a bypass capacitor (on pin 4) to filter out high-frequency noise for sensitive RF or Analog circuits.
---
## 4. Part Number Decoder
The suffix **"G-AF5-R"** provides specific manufacturing data:
* **G:** Halogen-free and RoHS compliant.
* **AF5:** Package code for SOT-25.
* **R:** Tape and Reel packaging for automated assembly.
---
## 5. Typical Application Circuit
```python
# Simplified Representation of Wiring
Input (Vin) ----> [Pin 1]
[Pin 5] ----> Output (1.2V)
Ground ----> [Pin 2]
Enable (High)---> [Pin 3]
Bypass Cap ----> [Pin 4] ---||--- GND
```
- ⤷
What is the maximum input voltage for the UU28121G-AF5-R?
- ⤷ Can I substitute this with a standard SOT-23-5 LDO like the XC6206?
- ⤷ What is the specific output current rating for the UU28121G?