công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • UTM6006G-S08-R

  • AI
    The **UTM6006G-S08-R** is a specific N-channel enhancement mode Power MOSFET, commonly used in power management and switching applications. This component is manufactured by **Unisonic Technologies Co., Ltd (UTC)**. Below is a detailed breakdown of its electronic specifications and characteristics. --- ## 1. Technical Specifications These parameters define the operational limits and performance of the MOSFET. | Parameter | Symbol | Maximum Rating / Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 60 V | | **Gate-Source Voltage** | $V_{GSS}$ | $\pm$ 20 V | | **Continuous Drain Current** | $I_D$ | 6.0 A | | **Pulsed Drain Current** | $I_{DM}$ | 24 A | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 32 m$\Omega$ (Typ) @ $V_{GS}=10V$ | | **Total Gate Charge** | $Q_g$ | 15 nC (Typ) | | **Package Type** | SOP-8 | Surface Mount | --- ## 2. Key Features * **Low On-Resistance:** The 32 m$\Omega$ resistance minimizes power loss during conduction, improving efficiency. * **High Switching Speed:** Designed for fast transition between ON and OFF states, reducing switching losses. * **Green Product:** The "G" in the part number signifies that it is a halogen-free and RoHS-compliant "Green" product. * **Logic Level Compatibility:** Can be driven by low-voltage gate signals, though optimal performance is reached at 10V. --- ## 3. Pin Configuration (SOP-8) The SOP-8 package is a standard 8-pin surface mount housing. For a single N-channel MOSFET in this package, the pinout typically follows this standard: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1, 2, 3 | **Source (S)** | Current exits the device here | | 4 | **Gate (G)** | Controls the switching of the MOSFET | | 5, 6, 7, 8 | **Drain (D)** | Current enters the device here | --- ## 4. Typical Applications The UTM6006G-S08-R is versatile and generally found in the following circuits: 1. **DC-DC Converters:** Used as a switching element in buck or boost regulators. 2. **Motor Control:** Small DC motor drivers for consumer electronics. 3. **Power Management:** Load switching in notebooks, tablets, and networking equipment. 4. **LED Backlighting:** Driving LED arrays in displays. --- ## 5. Part Number Decoding Understanding the UTC naming convention: * **UTM6006**: Model series (indicating 60V and approximately 6A). * **G**: Halogen-free / Green. * **S08**: SOP-8 Package. * **R**: Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What are the thermal resistance characteristics of the UTM6006G in the SOP-8 package?
    • ⤷ How does the RDS(on) change if the gate voltage is lowered to 4.5V?
    • ⤷ What are the recommended heat sinking strategies for this MOSFET at 6A continuous current?