UTM3023L-TN3-R
AI

The **UTM3023L-TN3-R** is an N-channel enhancement mode Power MOSFET designed and manufactured by **UTC (Unisonic Technologies)**. It is primarily used for power management and switching applications due to its low on-resistance and high-speed switching capabilities.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical characteristics of the device:
| Parameter | Symbol | Maximum Rating |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 30 V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±20 V |
| **Continuous Drain Current** | $I_D$ | 30 A |
| **Pulsed Drain Current** | $I_{DM}$ | 120 A |
| **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 23 mΩ (Typ.) @ $V_{GS}=10V$ |
| **Total Gate Charge** | $Q_g$ | 12 nC (Typ.) |
| **Package Type** | TO-252 | (DPAK) |
---
### 2. Physical and Packaging Details
The suffix in the part number provides specific information regarding the physical form factor:
* **TN3:** Refers to the **TO-252** package (also known as DPAK). This is a surface-mount package designed for high power dissipation.
* **-R:** Indicates **Tape and Reel** packaging, suitable for automated Pick-and-Place assembly.
* **L:** Usually denotes a "Lead-free" or "Halogen-free" (Green) component in UTC's naming convention.
---
### 3. Key Features
* **Low $R_{DS(ON)}$:** Minimizes conduction losses, making the device efficient in high-current scenarios.
* **Fast Switching:** Low gate charge allows for high-frequency operation.
* **High Power Density:** The TO-252 package provides a good balance between small footprint and thermal management.
* **RoHS Compliant:** Environmentally friendly construction.
---
### 4. Typical Applications
The UTM3023L-TN3-R is commonly found in:
1. **DC-DC Converters:** Used as a switching element in buck or boost regulators.
2. **Motor Control:** Small BLDC motor drivers or brushed DC motor PWM controllers.
3. **Power Management:** Battery protection circuits and load switching in laptops or industrial equipment.
4. **LED Drivers:** High-efficiency switching for LED arrays.
---
### 5. Internal Schematic (N-Channel)
```text
Drain (Pin 2/Tab)
|
|
G ---- |<--- (Body Diode)
| |
Gate Source (Pin 3)
(Pin 1)
```
- ⤷
What is the gate threshold voltage (Vgs th) for this MOSFET?
- ⤷ Are there equivalent alternative parts from other manufacturers like ON Semi or IR?
- ⤷ How does the thermal resistance RthJC affect its performance in a closed enclosure?