UTM1A331MPD
AI

The **UTM1A331MPD** is a specific aluminum electrolytic capacitor manufactured by **Nichicon**. It belongs to the **TM series**, which is characterized by its high reliability and "Standard" grade for general-purpose applications but with a focus on specific voltage and capacitance requirements.
---
## 1. Technical Specifications
Below are the primary electrical and physical characteristics of the UTM1A331MPD:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Nichicon |
| **Series** | TM |
| **Capacitance** | 330 µF |
| **Rated Voltage (DC)** | 10 V |
| **Tolerance** | ±20% (at 120Hz, 20°C) |
| **Operating Temp Range** | -55°C to +105°C |
| **Endurance (Lifetime)** | 2,000 Hours @ 105°C |
| **Termination** | Radial Lead (Through-hole) |
| **Dimensions** | 8.00mm Diameter x 11.50mm Length |
| **Lead Spacing** | 3.50mm |
---
## 2. Key Features
### Bi-Polarized (Non-Polar) Design
The "TM" series is a **bi-polarized** (non-polar) aluminum electrolytic capacitor. Unlike standard electrolytic capacitors that have a specific positive and negative terminal, this part can be used in circuits where the polarity may reverse or is unknown.
### Temperature Stability
With an upper limit of **105°C**, this part is more robust than standard 85°C capacitors, making it suitable for environments with moderate heat dissipation.
### Compact Form Factor
The 8mm x 11.5mm size allows it to fit into relatively dense PCB layouts while still providing a significant 330µF of capacitance.
---
## 3. Applications
Because this is a non-polar capacitor, it is typically used in the following scenarios:
1. **Audio Signal Coupling:** Used in signal paths where a DC offset might fluctuate or where the polarity of the signal is not constant.
2. **Phase Correction:** Used in AC circuits or crossover networks in speakers.
3. **Reverse Voltage Protection:** Used in circuits where accidental battery reversal might occur, preventing the capacitor from exploding.
4. **Vertical Deflection Circuits:** Commonly found in older television or monitor circuits.
---
## 4. Part Number Breakdown
Understanding the Nichicon nomenclature:
* **UTM:** The Series name (Non-polar, 105°C).
* **1A:** Voltage Rating (1A = 10 Volts).
* **331:** Capacitance Code (33 + one zero = 330µF).
* **M:** Tolerance (M = ±20%).
* **PD:** Configuration/Packaging (Radial lead, bulk or specific lead forming).
- ⤷
What are the main advantages of using a bi-polarized capacitor over a polarized one?
- ⤷ How does the 105°C temperature rating affect the lifespan if operated at 65°C?
- ⤷ Are there equivalent SMD (Surface Mount) versions for the TM series?