UTD484L-TN3-R
AI

## Analysis of the UTD484L-TN3-R
The **UTD484L-TN3-R** is an N-Channel enhancement mode Power MOSFET manufactured by Unisonic Technologies Co., Ltd (UTC). It is designed primarily for high-efficiency switching applications, such as power management and DC-DC converters.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the device:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 40 | V |
| **Gate-Source Voltage** | $V_{GSS}$ | $\pm$20 | V |
| **Continuous Drain Current** | $I_D$ | 20 | A |
| **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 28 (Max @ $V_{GS}=10V$) | m$\Omega$ |
| **Total Gate Charge** | $Q_g$ | 12 (Typ) | nC |
| **Operating Temperature** | $T_J$ | -55 to +150 | °C |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical variants:
* **UTD**: UTC Product Series (Power MOSFET).
* **484**: Part Identification Number.
* **L**: Lead-free / Halogen-free plating.
* **TN3**: Package code for **TO-252** (also known as D-PAK).
* **R**: Tape and Reel packaging.
---
### 3. Electronic Features
The UTD484L-TN3-R incorporates several design features to enhance circuit performance:
* **Low On-Resistance ($R_{DS(ON)}$):** Minimizes power dissipation during the "ON" state, which improves overall system efficiency.
* **Fast Switching Speed:** The low gate charge ($Q_g$) allows the device to transition between states quickly, reducing switching losses.
* **Ruggedness:** Designed to handle high-speed transients and high current pulses commonly found in power supplies.
* **Logic Level Compatibility:** Can be driven by relatively low gate voltages, making it suitable for direct interface with many controllers.
---
### 4. Typical Applications
This MOSFET is commonly integrated into the following systems:
1. **DC/DC Converters:** Used as a switching element in buck or boost regulators.
2. **Motor Control:** Utilized in H-Bridge configurations for small DC motors.
3. **Load Switching:** Acts as an electronic switch to turn on/off power rails in portable electronics.
4. **Power Management:** Found in battery protection circuits and power distribution units.
---
- ⤷
What are the equivalent alternative parts for the UTD484L-TN3-R?
- ⤷ How does the gate charge (Qg) affect the switching frequency in a DC-DC converter?
- ⤷ What is the maximum power dissipation (Pd) for the TO-252 package of this MOSFET?