UTD405-TN3-R
AI

The **UTD405-TN3-R** is a specific electronic component, primarily manufactured by **UTC (Unisonic Technologies Co., Ltd)**. It is a complementary Power MOSFET, meaning it contains both an N-Channel and a P-Channel MOSFET within a single package.
---
### 1. Key Technical Specifications
The "405" in the part number typically refers to the voltage and current handling capabilities. Below is a breakdown of its primary electrical characteristics:
| Parameter | N-Channel | P-Channel |
| :--- | :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | 40V | -40V |
| **Continuous Drain Current ($I_D$)** | 12A | -10A |
| **Static Drain-Source On-Resistance ($R_{DS(ON)}$)** | ~30 mΩ | ~45 mΩ |
| **Package Type** | TO-252-4 (DPAK) | TO-252-4 (DPAK) |
| **Gate-Source Voltage ($V_{GS}$)** | ±20V | ±20V |
---
### 2. Physical Structure and Pinout
The **TN3-R** suffix refers to the packaging and shipping method:
* **TN3:** Refers to the **TO-252-4** package (also known as DPAK-4). This is a surface-mount device designed for efficient heat dissipation.
* **R:** Indicates **Tape and Reel** packaging for automated pick-and-place assembly.
#### Internal Configuration:
This device is a **Complementary Pair**. Internally, it consists of two separate transistors:
1. **N-Channel MOSFET:** High-side/Low-side switching with lower resistance.
2. **P-Channel MOSFET:** Useful for simplified high-side switching without needing a charge pump.
---
### 3. Common Applications
Due to its dual-channel nature, the UTD405 is frequently used in circuits requiring alternating current paths or bridge configurations:
* **Motor Drivers:** Ideal for H-Bridge circuits to control the direction of DC motors.
* **DC-DC Converters:** Used in synchronous rectification or buck/boost power stages.
* **Power Management:** Load switching in battery-powered devices.
* **LCD Backlight Inverters:** Handling the switching required for display power.
---
### 4. Advantages and Limitations
* **Efficiency:** The low $R_{DS(ON)}$ minimizes power loss through heat.
* **Space Saving:** Combining two transistors into one TO-252 package saves significant PCB real estate.
* **Thermal Management:** The TO-252 package has a large metal tab for soldering to the PCB, which acts as a heatsink.
- ⤷
What are the equivalent alternative parts for the UTD405-TN3-R?
- ⤷ Can you explain the thermal resistance (RthJC) importance for this TO-252 package?
- ⤷ How does the N-channel performance compare to the P-channel in H-bridge applications?