công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • UT9971PL-S08-R

  • AI
    ### Technical Overview of UT9971PL-S08-R The **UT9971PL-S08-R** is a specific Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) manufactured by Unisonic Technologies Co., Ltd (UTC). It is commonly utilized in power management circuits due to its efficiency and compact packaging. --- ### 1. General Specifications This component is an **N-Channel enhancement mode power MOSFET**. Below are the primary technical parameters: | Parameter | Symbol | Value / Rating | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 60V | | **Continuous Drain Current** | $I_D$ | 5A | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | Typ. 42mΩ @ $V_{GS}=10V$ | | **Gate-Source Voltage** | $V_{GSS}$ | ±20V | | **Package Type** | S08 | SOP-8 (Surface Mount) | --- ### 2. Key Features * **Low On-Resistance:** Its low $R_{DS(ON)}$ helps minimize power loss through heat dissipation during conduction. * **Fast Switching Speed:** Designed for high-frequency applications. * **Logic Level Compatibility:** Can often be driven by low-voltage control signals. * **RoHS Compliant:** The "-R" suffix typically indicates compliance with environmental standards and tape-and-reel packaging. --- ### 3. Pin Configuration (SOP-8) In a standard SOP-8 package for this MOSFET, the internal layout usually follows this convention: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1, 2, 3** | **Source (S)** | Current exits the device here. | | **4** | **Gate (G)** | Controls the turning ON/OFF of the MOSFET. | | **5, 6, 7, 8** | **Drain (D)** | Current enters the device here. | --- ### 4. Common Applications Due to its 60V rating and 5A capacity, it is frequently found in: 1. **DC-DC Converters:** Efficiently stepping voltages up or down. 2. **Motor Drivers:** Controlling small DC motors. 3. **LED Backlighting:** Used in the driver stages for displays. 4. **Power Management:** Acting as a switch in battery-powered portable devices. --- ### 5. Identification Code Breakdown * **UT**: Unisonic Technologies (Manufacturer). * **9971**: Part family/series identifier. * **PL**: Lead-free and Halogen-free plating. * **S08**: SOP-8 Package. * **R**: Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation (Pd) for the UT9971PL-S08-R?
    • ⤷ How does the N-channel enhancement mode differ from a P-channel MOSFET in a circuit?
    • ⤷ What are the recommended gate driver voltages for optimal efficiency with this part?