UT70P03L-TN3-R
AI

The **UT70P03L-TN3-R** is a high-power P-Channel enhancement mode MOSFET designed by Unisonic Technologies (UTC). It is primarily used in power management applications where high efficiency and low heat dissipation are required.
---
### ## Technical Specifications
Below are the key electrical parameters for the UT70P03L-TN3-R:
| Parameter | Symbol | Maximum Rating |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | -30 V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±20 V |
| **Continuous Drain Current** | $I_D$ | -70 A |
| **Pulsed Drain Current** | $I_{DM}$ | -280 A |
| **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 8.0 mΩ (at $V_{GS}$ = -10V) |
| **Total Gate Charge** | $Q_g$ | 120 nC (typical) |
| **Operating Junction Temp** | $T_j$ | -55 to +150 °C |
---
### ### Key Features and Construction
1. **Low On-Resistance ($R_{DS(ON)}$):** With a resistance of only 8.0 mΩ, this part minimizes power loss during conduction, making it ideal for high-current applications.
2. **Package Type (TN3):** The "TN3" suffix refers to the **TO-252 (D-PAK)** surface-mount package. This package is optimized for thermal performance and space-saving on PCBs.
3. **High Switching Speed:** Designed for fast response, reducing switching losses in DC-DC converters.
4. **Avalanche Ruggedness:** Built to withstand high-energy pulses that can occur in inductive load switching.
---
### ### Typical Applications
The UT70P03L is commonly found in the following electronic circuits:
* **Load Switching:** Used as a high-side switch to turn power on/off for specific sub-systems.
* **Battery Protection:** Integrated into BMS (Battery Management Systems) due to its high current handling.
* **DC-DC Converters:** Serves as a power switch in buck or boost regulators.
* **Motor Control:** Utilized in H-bridge circuits for small DC motors.
---
### ### Part Number Breakdown
Understanding the UTC naming convention:
* **UT70P03**: 70 Amp rating, P-Channel, 30V rating.
* **L**: Lead-free/Halogen-free.
* **TN3**: TO-252 Package.
* **R**: Tape and Reel packaging.
- ⤷
What are the equivalent alternative parts for the UT70P03L?
- ⤷ How does the thermal resistance of the TO-252 package affect its power dissipation?
- ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller?