UT4800G-S08-R
AI

The **UT4800G-S08-R** is a high-performance N-Channel enhancement mode Power MOSFET commonly used in power management and switching applications. It is manufactured by Unisonic Technologies (UTC).
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics for the UT4800G-S08-R:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | 30V | Maximum voltage across drain and source. |
| **Continuous Drain Current ($I_D$)** | 6.9A | Maximum steady-state current at 25°C. |
| **Drain-Source On-Resistance ($R_{DS(on)}$)** | 28mΩ (max) | Resistance when the gate is fully on ($V_{GS}=10V$). |
| **Gate-Source Voltage ($V_{GS}$)** | ±20V | Maximum voltage range for the gate terminal. |
| **Package Type** | SOP-8 | Small Outline Package with 8 pins. |
| **Halogen Status** | Halogen-Free | Indicated by the "G" in the part number. |
---
### 2. Part Number Breakdown
The nomenclature provides specific details about the component's construction:
* **UT**: UTC (Manufacturer: Unisonic Technologies).
* **4800**: Part series identifier.
* **G**: Halogen-free and Lead-free (Green product).
* **S08**: SOP-8 Package.
* **R**: Tape and Reel packaging.
---
### 3. Pin Configuration (SOP-8)
In a standard SOP-8 power MOSFET package, the pins are typically assigned as follows:
| Pin Number | Function |
| :--- | :--- |
| 1, 2, 3 | **Source (S)** |
| 4 | **Gate (G)** |
| 5, 6, 7, 8 | **Drain (D)** |
---
### 4. Typical Applications
Due to its low on-resistance and compact footprint, this MOSFET is used in:
* **DC-DC Converters:** For efficient voltage stepping in laptops and mobile devices.
* **Load Switching:** Turning peripheral power rails on or off.
* **Battery Management:** Protection circuits in Lithium-ion battery packs.
* **Motor Control:** Driving small brushless or brushed DC motors.
### 5. Key Features
* **High Switching Speed:** Optimized for high-frequency PWM (Pulse Width Modulation).
* **Low Gate Charge:** Requires minimal energy to trigger the gate, improving efficiency.
* **Thermal Efficiency:** The SOP-8 package allows for decent heat dissipation via the PCB copper traces connected to the drain pins.
- ⤷
What are the equivalent alternative parts for the UT4800G?
- ⤷ How does the gate charge (Qg) affect the switching speed of this MOSFET?
- ⤷ Can this MOSFET be used in a 24V power system safely?