UT4800-S08-R
AI

The **UT4800-S08-R** is an N-channel enhancement mode Power MOSFET, commonly utilized in power management and switching applications. Below is a detailed technical breakdown of its electronic characteristics and specifications.
---
### 1. General Overview
The UT4800 is designed for high-density mounting and efficient heat dissipation. It is typically housed in an **SOP-8** package, which is a standard surface-mount format for power transistors.
### 2. Key Technical Specifications
| Parameter | Description | Typical Value |
| :--- | :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | Maximum voltage across drain and source | 30V |
| **Gate-Source Voltage ($V_{GSS}$)** | Maximum voltage allowed at the gate | ±20V |
| **Continuous Drain Current ($I_D$)** | Max current flow at 25°C | ~6.9A to 9.0A |
| **Static Drain-Source On-Resistance ($R_{DS(ON)}$)** | Resistance when fully switched on | ~18.5mΩ @ $V_{GS}=10V$ |
| **Total Gate Charge ($Q_g$)** | Charge required to turn on the MOSFET | Low (Efficiency benefit) |
| **Package Type** | Physical form factor | SOP-8 |
### 3. Features & Benefits
* **Low $R_{DS(ON)}$:** Minimizes power loss during conduction, reducing heat generation.
* **High Switching Speed:** Allows the component to be used in high-frequency PWM applications.
* **Logic Level Compatibility:** Can often be driven directly by microcontrollers or logic ICs (low gate threshold voltage).
* **Halogen-Free:** Usually complies with modern environmental standards (depending on the specific "R" suffix variant).
### 4. Typical Applications
* **Power Management:** DC-DC converters and motor controllers.
* **Battery Protection:** Switching circuits in laptop batteries or portable electronics.
* **Load Switching:** Turning peripheral power on/off within a circuit.
### 5. Pin Configuration (SOP-8)
| Pin Number | Function |
| :--- | :--- |
| 1, 2, 3 | **Source (S)** |
| 4 | **Gate (G)** |
| 5, 6, 7, 8 | **Drain (D)** |
---
### 6. Part Number Breakdown
* **UT4800**: Basic series model number.
* **S08**: Indicates the **SOP-8** package.
* **R**: Typically denotes **Tape and Reel** packaging for automated assembly.
- ⤷
What are the equivalent MOSFETs that can replace the UT4800-S08-R?
- ⤷ How does the gate threshold voltage affect its performance in 3.3V logic circuits?
- ⤷ What are the thermal considerations when running this MOSFET at maximum current?