công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • UT40N03TL-TN3-R

  • AI
    ### Technical Overview of UT40N03TL-TN3-R The **UT40N03TL-TN3-R** is an N-Channel enhancement mode Power MOSFET designed for high-density mounting and efficient power switching. It is commonly utilized in power management applications where low "on-resistance" and high-speed switching are critical. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics for the device: | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30 | V | | **Gate-Source Voltage** | $V_{GSS}$ | ±20 | V | | **Continuous Drain Current** | $I_D$ | 40 | A | | **Pulsed Drain Current** | $I_{DM}$ | 120 | A | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 12 (at $V_{GS}=10V$) | mΩ | | **Total Power Dissipation** | $P_D$ | 44 | W | --- ### 2. Package and Part Number Breakdown The part number provides specific information regarding its physical and chemical properties: * **UT40N03**: The base model number (N-Channel, 40A, 30V). * **TL**: Indicates "Low Threshold" or specific gate characteristics. * **TN3**: Refers to the **TO-252 (D-PAK)** package type, which is a surface-mount package designed for heat dissipation. * **R**: Indicates the packing method, typically **Tape and Reel**. --- ### 3. Features and Applications #### Features * **Low $R_{DS(ON)}$**: Minimizes conduction losses during operation. * **High Switching Speed**: Reduces switching losses in high-frequency circuits. * **Halogen-Free**: Compliant with environmental standards (Green product). * **Robustness**: Capable of handling high current surges (up to 120A pulsed). #### Typical Applications * **DC-DC Converters**: Used in voltage regulator modules (VRMs). * **Motor Control**: Driving small to medium DC motors. * **Battery Management**: Power path switching in portable electronics. * **Synchronous Rectification**: Improving efficiency in power supplies. --- ### 4. Logic Level Compatibility This MOSFET is designed to be a **logic-level** device. This means it can be fully "turned on" (saturated) using lower gate voltages (often 4.5V or 5V), making it directly compatible with microcontrollers and digital logic circuits without needing a dedicated high-voltage gate driver.
    ✨ Follow-up Questions
    • ⤷ What are the thermal resistance values for the TO-252 package in this model?
    • ⤷ How does the gate charge (Qg) affect the switching performance of the UT40N03?
    • ⤷ Can this MOSFET be used in a 24V system safely?