UT40N03TL-TM3-R
AI

## Technical Overview of UT40N03TL-TM3-R
The **UT40N03TL-TM3-R** is an N-Channel enhancement mode Power MOSFET designed by Unisonic Technologies (UTC). It is characterized by its high switching speed and low on-state resistance, making it suitable for power management and switching applications.
### 1. Key Specifications
The following table highlights the primary electrical characteristics of the component:
| Parameter | Symbol | Maximum Rating | Units |
| :--- | :--- | :--- | :--- |
| Drain-Source Voltage | $V_{DSS}$ | 30 | V |
| Gate-Source Voltage | $V_{GSS}$ | $\pm$20 | V |
| Continuous Drain Current | $I_D$ | 40 | A |
| Pulsed Drain Current | $I_{DM}$ | 120 | A |
| Static Drain-Source On-Resistance | $R_{DS(ON)}$ | 12 (at $V_{GS}=10V$) | m$\Omega$ |
| Total Gate Charge | $Q_g$ | 15 (typ) | nC |
---
### 2. Package and Part Suffix Breakdown
The part number provides specific information regarding its physical build and environmental compliance:
* **UT40N03**: The base part number (40A, 30V MOSFET).
* **L**: Lead-free plating (RoHS compliant).
* **TM3**: Refers to the **TO-251 (IPAK)** package type.
* **R**: Tape and Reel (packaging method).
---
### 3. Features and Applications
#### Features
* **Low $R_{DS(ON)}$:** Minimizes conduction losses, leading to higher efficiency.
* **Fast Switching:** Optimized gate charge allows for high-frequency operation.
* **Robustness:** High power density and thermal stability.
#### Common Applications
1. **DC-DC Converters:** Used in buck/boost regulators for computers and servers.
2. **Motor Control:** Ideal for low-voltage BLDC motor drivers.
3. **Power Management:** Load switching in battery-powered devices.
4. **CPU Core Power:** High-speed switching in VRM (Voltage Regulator Modules).
---
### 4. Equivalent and Alternatives
If the UT40N03TL is unavailable, these common MOSFETs often share similar footprints and ratings:
* **AOD4184A** (30V, 40A)
* **IRFR3707** (30V, 42A)
* **STD40N3LH5** (30V, 40A)
---
- ⤷What are the specific thermal resistance ratings for the TO-251 package used in this MOSFET?
- ⤷ Can this MOSFET be driven directly by a 5V microcontroller logic signal?
- ⤷ How does the gate charge (Qg) impact the switching losses in high-frequency applications?