UT3P01ZG-AE2-R
AI

The **UT3P01ZG-AE2-R** is a specific P-Channel Enhancement Mode Power MOSFET (Field Effect Transistor) manufactured by **Unisonic Technologies Co., Ltd (UTC)**. It is designed primarily for power management and switching applications in compact electronic devices.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics for the UT3P01ZG-AE2-R:
| Parameter | Symbol | Maximum Rating |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | -30 V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±20 V |
| **Continuous Drain Current** | $I_D$ | -3.0 A |
| **Pulsed Drain Current** | $I_{DM}$ | -12.0 A |
| **Total Power Dissipation** | $P_D$ | 0.9 W |
| **Package Type** | SOT-23-3 | Surface Mount |
---
### 2. Functional Characteristics
* **P-Channel Logic:** This MOSFET is a P-channel device, meaning it is typically used on the "high side" of a circuit. It turns **ON** when the gate voltage is sufficiently lower (more negative) than the source voltage.
* **Low On-Resistance ($R_{DS(ON)}$):** It is engineered to have low resistance when fully conducting, which minimizes power loss and heat generation.
* **Fast Switching:** Optimized for high-speed switching applications, reducing energy loss during the transition between ON and OFF states.
* **Low Threshold Voltage:** It can often be triggered by logic-level signals, making it compatible with microcontrollers.
---
### 3. Pin Configuration (SOT-23)
The device follows the standard SOT-23 pinout:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| **1** | **G** (Gate) | Controls the state of the MOSFET |
| **2** | **S** (Source) | Connected to the positive supply (in typical high-side use) |
| **3** | **D** (Drain) | Connected to the load |
---
### 4. Typical Applications
The UT3P01ZG-AE2-R is commonly found in the following scenarios:
* **Load Switching:** Turning peripheral devices on or off in battery-powered electronics.
* **Power Management:** Used in DC-DC converters and battery protection circuits.
* **Motor Control:** Small DC motor drivers.
* **LED Driving:** Switching LED arrays in portable devices.
---
### 5. Part Number Breakdown (UTC Naming Convention)
* **UT:** Unisonic Technologies (Manufacturer).
* **3P01:** Product series (indicating ~3A rating and specific voltage class).
* **ZG:** Halogen-free and Lead-free (Green) version.
* **AE2:** Package code for **SOT-23-3**.
* **R:** Tape and Reel packaging.
- ⤷
What are the typical R_DS(on) values for this MOSFET at -4.5V and -10V?
- ⤷ Can this MOSFET be used for low-side switching
- ⤷ and what are the drawbacks?
- ⤷ How does the SOT-23 package affect the thermal management of this part?