UT3418G-AE3-R
AI

## UT3418G-AE3-R Technical Overview
The **UT3418G-AE3-R** is a high-performance **N-Channel Enhancement Mode Power MOSFET** manufactured by Unisonic Technologies (UTC). It is primarily designed for high-efficiency power management applications due to its low on-state resistance and compact thermal packaging.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Channel Type** | N-Channel |
| **Drain-Source Voltage ($V_{DSS}$)** | 30V |
| **Continuous Drain Current ($I_D$)** | 5.8A (at $V_{GS}=10V$) |
| **Drain-Source On-Resistance ($R_{DS(ON)}$)** | < 28mΩ @ $V_{GS}=10V$ |
| **Gate-Source Voltage ($V_{GS}$)** | ±12V |
| **Package Type** | SOT-23-3 |
| **Configuration** | Single |
---
### 2. Physical Characteristics & Packaging
The suffix **AE3-R** provides specific information regarding the physical delivery of the component:
* **AE3**: Refers to the **SOT-23** package (small outline transistor).
* **R**: Indicates **Tape and Reel** packaging, suitable for automated surface-mount (SMT) assembly.
* **G**: Signifies that the part is **Halogen-Free** and RoHS compliant (Green product).
---
### 3. Application Areas
The UT3418G-AE3-R is optimized for low-voltage, high-current switching requirements. Typical use cases include:
* **Load Switching:** Used in battery-powered devices to turn power rails on or off.
* **DC-DC Converters:** Integrated into buck or boost converters for voltage regulation.
* **Battery Protection:** Protecting lithium-ion battery packs from over-discharge or short circuits.
* **LED Drivers:** Controlling current flow in lighting applications.
---
### 4. Logic Level Compatibility
This MOSFET is a **Logic Level** device, meaning it can be fully "turned on" (saturated) using low gate voltages typical of microcontrollers (3.3V or 5V). This eliminates the need for complex gate driver circuits in simple digital applications.
- ⤷
What are the equivalent alternative parts for the UT3418G-AE3-R?
- ⤷ How does the power dissipation of the SOT-23 package limit its continuous current usage?
- ⤷ What is the maximum gate threshold voltage ($V_{GS(th)}$) for this MOSFET?