công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • UT3409G-AE3-R

  • AI
    The **UT3409G-AE3-R** is a high-performance, P-Channel enhancement mode field-effect transistor (MOSFET) manufactured by Unisonic Technologies (UTC). It is widely used in power management applications due to its low on-resistance and compact surface-mount design. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the UT3409G-AE3-R: | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | -30 V | | **Gate-Source Voltage** | $V_{GSS}$ | ±20 V | | **Continuous Drain Current** | $I_D$ | -5.1 A | | **Pulsed Drain Current** | $I_{DM}$ | -30 A | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 40 mΩ (Typ) @ $V_{GS}$ = -10V | | **Package Type** | SOT-23 | Small Outline Transistor | | **Halogen-Free Status** | "G" Suffix | Halogen-Free / RoHS Compliant | --- ### 2. Physical Structure & Pinout The UT3409G-AE3-R comes in an **SOT-23 (AE3)** package, which is a standard 3-pin surface-mount package. * **Pin 1 (Gate):** Controls the switching state of the MOSFET. * **Pin 2 (Source):** The terminal where current enters the device (in a P-Channel configuration). * **Pin 3 (Drain):** The terminal where current exits the device. --- ### 3. Features & Advantages * **Low $R_{DS(ON)}$:** Minimizes power dissipation during the "ON" state, increasing efficiency. * **Fast Switching:** High-speed switching capabilities make it suitable for PWM (Pulse Width Modulation) circuits. * **Logic Level Drive:** Can be triggered by low gate voltages, making it compatible with many microcontrollers. * **Green Product:** Part of UTC's "Green" line, ensuring it is lead-free and environment-friendly. --- ### 4. Common Applications This MOSFET is typically found in the following types of circuits: 1. **Load Switches:** Used to turn power rails on and off in mobile devices. 2. **Battery Management:** Protects against overcharge or acts as a reverse polarity protection switch. 3. **DC-DC Converters:** Acts as the switching element in buck or boost converters. 4. **LED Drivers:** Controls the current flow to LED arrays. --- ### 5. Part Number Breakdown Understanding the UTC nomenclature: * **UT3409**: The basic model number. * **G**: Indicates Halogen-free and Lead-free material. * **AE3**: Represents the SOT-23 package type. * **R**: Indicates Tape and Reel packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a P-Channel and N-Channel MOSFET in power circuits?
    • ⤷ What is the maximum power dissipation (Pd) for the UT3409G-AE3-R?
    • ⤷ Can you provide a circuit diagram example using this MOSFET as a high-side switch?