UT3409G-AE2-R
AI

### UT3409G-AE2-R Technical Overview
The **UT3409G-AE2-R** is a high-performance **P-Channel Enhancement Mode Field Effect Transistor (MOSFET)**. It is primarily designed for power management applications where efficiency and space-saving are critical, such as in mobile devices and DC-DC converters.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the device:
| Parameter | Symbol | Maximum Rating | Unit |
| :--- | :--- | :--- | :--- |
| Drain-Source Voltage | $V_{DSS}$ | -30 | V |
| Gate-Source Voltage | $V_{GSS}$ | ±20 | V |
| Continuous Drain Current | $I_D$ | -5.1 | A |
| Pulsed Drain Current | $I_{DM}$ | -20 | A |
| Static Drain-Source On-Resistance | $R_{DS(ON)}$ | 40 (at $V_{GS}$ = -10V) | mΩ |
| Total Gate Charge | $Q_g$ | 15 (typ) | nC |
---
### 2. Physical and Packaging Details
The part number suffix provides specific information about the manufacturing and packaging:
* **Package Type:** **SOT-23-3L** (AE2 code). This is a small, three-lead surface-mount package.
* **Halogen-Free:** The "G" indicates that the device is Halogen-free and Lead-free (Green).
* **Packing:** The "R" indicates **Tape & Reel** packaging, suitable for automated pick-and-place assembly.
---
### 3. Pin Configuration
The SOT-23 package standard pinout for this MOSFET is as follows:
1. **Gate (G):** Controls the switching of the MOSFET.
2. **Source (S):** Connected to the higher potential in a P-channel circuit.
3. **Drain (D):** Connected to the load.
---
### 4. Typical Applications
Due to its low $R_{DS(ON)}$ and small footprint, it is commonly used in:
* **Load Switching:** Turning power rails on/off in portable electronics.
* **Battery Management:** Protection circuits and charging paths.
* **PWM Applications:** High-speed switching in DC-DC converters.
* **Inverters:** Low voltage power inversion circuits.
---
### 5. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **UT** | Manufacturer Code (Unisonic Technologies) |
| **3409** | Part Family (P-Channel 30V MOSFET) |
| **G** | Halogen-Free / Green |
| **AE2** | SOT-23-3L Package |
| **R** | Tape & Reel Packing |
- ⤷
What is the gate threshold voltage (Vgs(th)) range for the UT3409G?
- ⤷ How does the RDS(on) change if the gate voltage is reduced to -4.5V?
- ⤷ Can this MOSFET be used for high-side switching in a 24V system?