UT3404L-AE3-R
AI

The **UT3404L-AE3-R** is an N-Channel enhancement mode Field Effect Transistor (MOSFET) produced by Unisonic Technologies (UTC). It is designed for high-speed switching applications and power management.
---
## 1. Technical Specifications
The following table highlights the primary electrical characteristics of the UT3404L-AE3-R:
| Parameter | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 30 | V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±20 | V |
| **Continuous Drain Current** | $I_D$ | 5.8 | A |
| **Pulsed Drain Current** | $I_{DM}$ | 30 | A |
| **Drain-Source On-Resistance** | $R_{DS(ON)}$ | 28 (at $V_{GS}=10V$) | mΩ |
| **Total Gate Charge** | $Q_g$ | 3.6 | nC |
| **Package Type** | SOT-23 | AE3 | - |
---
## 2. Key Features and Benefits
* **Low On-Resistance:** The low $R_{DS(ON)}$ minimizes power dissipation during the "on" state, improving overall efficiency.
* **Fast Switching:** Small gate charge ($Q_g$) allows for high-frequency operation and rapid transitions between states.
* **Logic Level Compatibility:** It can be driven directly by microcontrollers or logic ICs because it operates effectively at low gate voltages.
* **Halogen-Free:** The "L" in the part number usually signifies a Lead-free/Halogen-free construction, adhering to environmental standards.
---
## 3. Pin Configuration (SOT-23)
The device is housed in a standard **SOT-23** (coded as **AE3** by UTC) package.
| Pin Number | Designation | Description |
| :--- | :--- | :--- |
| 1 | **G (Gate)** | Controls the biasing of the MOSFET. |
| 2 | **S (Source)** | Terminal where current exits the channel. |
| 3 | **D (Drain)** | Terminal where current enters the channel. |
---
## 4. Typical Applications
The UT3404L is commonly used in portable and low-power electronic devices:
* **DC-DC Converters:** Used as a switching element for voltage regulation.
* **Load Switching:** Acts as an electronic switch to turn on/off power to specific circuit blocks.
* **Battery Management:** Used in protection circuits for Li-ion battery packs.
* **Motor Drive:** Small DC motor control for consumer electronics.
---
- ⤷What is the threshold voltage range for the UT3404L?
- ⤷ How does its thermal resistance affect PCB design?
- ⤷ What are the primary differences between the UT3404 and the UT3401 (P-channel) version?