UT3403L-AE3-R
AI

The **UT3403L-AE3-R** is a specific part number for a P-Channel enhancement mode Field Effect Transistor (MOSFET) manufactured by UTC (Unisonic Technologies). It is designed for low-voltage, high-speed switching applications.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the UT3403L-AE3-R:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | -30 | V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±12 | V |
| **Continuous Drain Current** | $I_D$ | -2.6 | A |
| **Pulsed Drain Current** | $I_{DM}$ | -10 | A |
| **Drain-Source On-Resistance** | $R_{DS(ON)}$ | 115 @ $V_{GS}$=-10V | mΩ (max) |
| **Drain-Source On-Resistance** | $R_{DS(ON)}$ | 150 @ $V_{GS}$=-4.5V | mΩ (max) |
| **Total Gate Charge** | $Q_g$ | 5.5 | nC (typ) |
---
### 2. Package and Pin Configuration
The "AE3" suffix typically denotes the **SOT-23** package, which is a small, surface-mount plastic package ideal for space-constrained designs.
| Pin Number | Pin Name | Function |
| :--- | :--- | :--- |
| 1 | **G** | Gate: Controls the transistor state |
| 2 | **S** | Source: Connected to the positive supply (in P-Channel) |
| 3 | **D** | Drain: Connected to the load |
---
### 3. Features and Applications
This component is highly efficient due to its low on-resistance and fast switching speeds.
#### **Key Features:**
* **Low On-Resistance:** Reduces power dissipation during the "ON" state.
* **Low Threshold Voltage:** Can be driven by low-voltage logic circuits.
* **Halogen-Free:** Compliant with environmental standards (denoted by the 'L' in the suffix).
#### **Common Applications:**
* **Power Management:** Used in battery-powered portable devices.
* **Load Switching:** Acting as an electronic switch to turn sections of a circuit on or off.
* **DC-DC Converters:** Integrated into buck or boost regulators.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **UT3403**: The series/model number.
* **L**: Lead-free/Halogen-free material.
* **AE3**: SOT-23 package type.
* **R**: Tape and Reel packaging (for automated assembly).
---
- ⤷What is the difference between a P-channel and an N-channel MOSFET in a circuit?
- ⤷ What are the thermal considerations when using the SOT-23 package for power switching?
- ⤷ Can this MOSFET be used for PWM motor control applications?