UT3403L-AE2-R
AI

The **UT3403L-AE2-R** is a high-performance, P-Channel enhancement mode Field Effect Transistor (MOSFET) designed by Unisonic Technologies (UTC). It is widely used in power management applications due to its low on-state resistance and high efficiency.
---
## 1. Technical Specifications
The following table highlights the primary electrical characteristics of the UT3403L-AE2-R:
| Parameter | Symbol | Value | Unit |
|:---|:---:|:---:|:---:|
| **Drain-Source Voltage** | $V_{DSS}$ | -30 | V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±12 | V |
| **Continuous Drain Current** | $I_D$ | -2.6 | A |
| **Pulsed Drain Current** | $I_{DM}$ | -10 | A |
| **On-State Resistance** ($V_{GS}=-10V$) | $R_{DS(ON)}$ | 115 (Max) | mΩ |
| **Total Gate Charge** | $Q_g$ | 5.5 | nC |
| **Package Type** | SOT-23-3L | --- | --- |
---
## 2. Key Features
The device is engineered for low-voltage, high-speed switching applications. Key features include:
* **Low $R_{DS(ON)}$:** Minimizes conduction losses, making it ideal for battery-powered devices.
* **Low Threshold Voltage:** Operates efficiently even with low logic-level gate drives.
* **Fast Switching Speed:** Reduces switching losses in DC-DC converters.
* **Halogen-Free:** The "L" in the part number signifies it is Lead-free and Halogen-free, meeting RoHS compliance.
* **Trench Technology:** Utilizes advanced trench cell design to achieve high cell density.
---
## 3. Pin Configuration
The **SOT-23-3L** package (designated by AE2 in the part number) has the following pinout:
1. **Gate (G):** Controls the biasing of the MOSFET.
2. **Source (S):** The source terminal of the P-channel.
3. **Drain (D):** The output terminal where the load is typically connected.
---
## 4. Typical Applications
The UT3403L is commonly found in the following circuits:
* **Load Switching:** Turning power rails on/off in mobile devices.
* **Power Management:** Used in laptop and tablet motherboards.
* **Battery Protection:** Protecting lithium-ion batteries from over-discharge.
* **DC-DC Converters:** Serving as the high-side switch in buck converters.
---
- ⤷What are the equivalent alternative parts for the UT3403L?
- ⤷ How does the thermal resistance of the SOT-23 package affect its current handling?
- ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller?