AI

The **UT3243G-P28-R** is a high-speed, low-voltage RS-232 transceiver integrated circuit. It is commonly used in serial communication interfaces to bridge the gap between logic-level signals (TTL/CMOS) and the higher voltage levels required for RS-232 standards.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Function** | RS-232 Transceiver |
| **Supply Voltage (Vcc)** | 3.0V to 5.5V |
| **Data Rate** | Up to 250 kbps (Min) |
| **Drivers / Receivers** | 3 Drivers / 5 Receivers |
| **Package Type** | TSSOP-28 |
| **Operating Temp** | -40°C to +85°C |
| **ESD Protection** | ±15kV (Human Body Model) |
---
### 2. Core Functional Features
* **Internal Charge Pump:** It uses a dual charge pump network with four small external capacitors to generate the $\pm$5.5V required for RS-232 levels from a single 3.3V or 5V power supply.
* **Auto-Shutdown Mode:** This is a power-saving feature. The device automatically enters a low-power shutdown mode (typically 1µA) when it detects that the RS-232 cable is disconnected or the connected transmitters are inactive.
* **High ESD Protection:** The I/O pins are designed to withstand high electrostatic discharge, reducing the need for external protection components.
* **Wide Compatibility:** It is compatible with industry standards like EIA/TIA-232 and V.28/V.24.
---
### 3. Pin Configuration Overview (TSSOP-28)
The device typically utilizes a 28-pin layout. The pins are categorized into four functional groups:
1. **Power Supply & Charge Pump:** Pins for $V_{CC}$, $GND$, and the capacitor connections ($C1\pm, C2\pm, V+, V-$).
2. **Logic Inputs/Outputs:** CMOS-level signals (T1IN, R1OUT, etc.) that connect directly to a Microcontroller (MCU) or UART.
3. **RS-232 I/O:** High-voltage signals (T1OUT, R1IN, etc.) that connect to the DB9 connector.
4. **Control Pins:** Pins like `FORCEON` and `$\overline{FORCEOFF}$` used to manage the power states and auto-shutdown features.
---
### 4. Typical Application Circuit
```mermaid
graph LR
A[Microcontroller/UART] -- 3.3V Logic --- B(UT3243G)
B -- RS-232 Levels --- C[DB9 Connector / Serial Port]
D[External Capacitors x4] --- B
```
---
- ⤷
What are the specific capacitor values required for the charge pump at 3.3V operation?
- ⤷ How does the 'Auto-Powerdown Plus' feature differ from standard shutdown?
- ⤷ Is the UT3243G-P28-R pin-compatible with the MAX3243?