công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • UT2340G-AE3-R

  • AI
    The **UT2340G-AE3-R** is a specific N-Channel enhancement mode Field Effect Transistor (MOSFET) manufactured by Unisonic Technologies (UTC). It is designed for low-voltage, high-speed switching applications. --- ### 1. Component Overview The part number can be broken down to understand its physical and electrical characteristics: | Part Segment | Meaning | | :--- | :--- | | **UT** | Unisonic Technologies (Manufacturer) | | **2340** | Series/Model Identifier | | **G** | Halogen-free and RoHS compliant | | **AE3** | Package Type (SOT-23) | | **R** | Tape and Reel (Packaging method) | --- ### 2. Key Technical Specifications The UT2340 is built using advanced trench technology to provide excellent $R_{DS(ON)}$ (Low on-resistance) and low gate charge. | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 40V | | **Gate-Source Voltage** | $V_{GSS}$ | ±20V | | **Continuous Drain Current** | $I_D$ | 5.2A | | **Pulsed Drain Current** | $I_{DM}$ | 20A | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | Typ. 33mΩ @ $V_{GS}=10V$ | | **Total Power Dissipation** | $P_D$ | 1.25W | --- ### 3. Pin Configuration (SOT-23) The AE3 package corresponds to the SOT-23 standard layout: 1. **Pin 1 (Gate):** Controls the switching of the MOSFET. 2. **Pin 2 (Source):** Connected to the lower potential in the circuit. 3. **Pin 3 (Drain):** Connected to the load. --- ### 4. Applications and Features #### Features: * **Low On-Resistance:** Reduces power loss during the conduction state. * **High Power and Current Handling:** Capable of managing up to 5.2A despite its small footprint. * **Fast Switching Speed:** Ideal for high-frequency PWM (Pulse Width Modulation). #### Typical Use Cases: * **DC-DC Converters:** Used in buck or boost regulators for voltage conversion. * **Load Switching:** Turning peripheral devices on/off in portable electronics. * **Battery Management:** Used in charging circuits for mobile devices. * **LED Drivers:** Controlling power to LED arrays. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the UT2340G-AE3-R?
    • ⤷ How does the gate threshold voltage (Vgs(th)) affect its performance in 3.3V logic circuits?
    • ⤷ What are the thermal considerations for using this SOT-23 package at maximum current?