UT2306G-AE2-R
AI

The **UT2306G-AE2-R** is an N-Channel enhancement mode Field Effect Transistor (MOSFET) manufactured by Unisonic Technologies (UTC). It is designed for low-voltage, high-speed switching applications and is commonly found in power management circuits.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the UT2306G-AE2-R:
| Parameter | Symbol | Maximum Rating |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 30 V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±12 V |
| **Continuous Drain Current** | $I_D$ | 3.5 A |
| **Pulsed Drain Current** | $I_{DM}$ | 10 A |
| **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 55 mΩ (@ $V_{GS}=4.5V$) |
| **Total Power Dissipation** | $P_D$ | 1.25 W |
| **Operating Temperature** | $T_J$ | -55 to +150 °C |
---
### 2. Physical and Ordering Information
The nomenclature of the part number provides specific details about its construction and packaging:
* **Package Type:** SOT-23-3 (identified by the `AE2` suffix).
* **Green/Lead-Free:** The `G` indicates that the device is Halogen-free and RoHS compliant.
* **Packing:** The `R` suffix typically denotes "Tape and Reel" packaging for automated SMT assembly.
---
### 3. Application Use Cases
Due to its low on-resistance and small footprint, this MOSFET is ideal for:
* **DC-DC Converters:** Used in buck or boost regulators for portable electronics.
* **Load Switching:** Efficiently turning off power rails to save energy.
* **Battery Protection:** Controlling charging and discharging cycles in Li-ion battery packs.
* **Logic Level Drivers:** Interfacing low-voltage microcontrollers with higher current loads.
---
### 4. Pin Configuration (SOT-23)
Standard pinout for the UT2306G in an AE2 package:
| Pin Number | Terminal | Function |
| :--- | :--- | :--- |
| 1 | **G** | Gate (Control terminal) |
| 2 | **S** | Source (Input/Reference) |
| 3 | **D** | Drain (Output/Load) |
---
- ⤷What are the equivalent alternative parts for the UT2306G?
- ⤷ How does the gate threshold voltage impact its compatibility with 3.3V logic?
- ⤷ What is the maximum power dissipation at 70°C ambient temperature?