công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • UT2305G-AE3-R

  • AI
    The **UT2305G-AE3-R** is a high-performance, P-Channel enhancement mode Field Effect Transistor (MOSFET) produced by Unisonic Technologies (UTC). It is designed primarily for power management and switching applications in compact electronic devices. --- ### 1. Key Technical Specifications | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | -30 | V | | **Gate-Source Voltage** | $V_{GSS}$ | ±20 | V | | **Continuous Drain Current** | $I_D$ | -4.2 | A | | **Drain-Source On-Resistance** | $R_{DS(ON)}$ | 65 (max) @ -10V | mΩ | | **Package Type** | SOT-23 | Surface Mount | — | | **Halogen Free** | - | Yes (G suffix) | — | ### 2. Physical Structure and Pinout The UT2305G-AE3-R is housed in a **SOT-23** package, which is a standard small-outline transistor package. 1. **Gate (G):** Controls the conductivity of the device. 2. **Source (S):** The source of charge carriers. 3. **Drain (D):** The exit point for charge carriers. ### 3. Key Features * **Low On-Resistance:** Reduces power dissipation and heat generation during operation. * **High Power Handling:** Capable of handling up to 4.2A, which is high for its small SOT-23 footprint. * **Low Threshold Voltage:** Allows the device to be driven by logic-level signals (suitable for battery-operated devices). * **Green Product:** The "G" in the part number indicates it is Halogen-free and compliant with environmental standards. ### 4. Common Applications Due to its P-channel characteristics and small size, it is frequently used in: * **Load Switching:** Turning peripheral devices on/off in mobile electronics. * **Battery Management:** Protection circuits and charging paths in Li-ion batteries. * **DC-DC Converters:** Used as a high-side switch in buck or boost regulators. * **Power Management:** In laptops, tablets, and handheld devices. --- ### 5. Part Number Decoding The UTC naming convention for this part can be broken down as follows: | Segment | Meaning | | :--- | :--- | | **UT2305** | Model Series (P-Channel MOSFET) | | **G** | Halogen Free / Green | | **AE3** | Package Code for SOT-23 | | **R** | Tape and Reel packaging |
    ✨ Follow-up Questions
    • ⤷ What is the difference between a P-channel and an N-channel MOSFET in a circuit?
    • ⤷ How do I calculate the power dissipation for the UT2305G in a specific application?
    • ⤷ What are the recommended thermal management strategies for SOT-23 MOSFETs?