UT2304G-AE2-R
AI

The **UT2304G-AE2-R** is an N-Channel enhancement mode Power MOSFET manufactured by Unisonic Technologies (UTC). It is primarily designed for low-voltage, high-speed switching applications.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the device:
| Parameter | Symbol | Maximum Rating | Unit |
| :--- | :--- | :--- | :--- |
| Drain-Source Voltage | $V_{DSS}$ | 30 | V |
| Gate-Source Voltage | $V_{GSS}$ | ±20 | V |
| Continuous Drain Current | $I_D$ | 3.0 | A |
| Pulsed Drain Current | $I_{DM}$ | 10 | A |
| Drain-Source On-Resistance | $R_{DS(ON)}$ | 60 (typ) @ $V_{GS}=10V$ | mΩ |
| Total Gate Charge | $Q_g$ | 3.5 (typ) | nC |
---
### 2. Package and Part Number Breakdown
The suffixing in the part number provides specific information about the physical build and packaging:
* **UT2304**: Base model number (N-Channel MOSFET).
* **G**: Halogen-free and Lead-free (Green).
* **AE2**: Refers to the **SOT-23-3** package type (small surface mount).
* **R**: Tape and Reel packaging (standard for automated PCB assembly).
---
### 3. Features and Advantages
* **Low On-Resistance**: Minimizes power dissipation during operation, improving efficiency.
* **Low Threshold Voltage**: Can be driven by logic-level signals, making it compatible with microcontrollers.
* **High Switching Speed**: Excellent for PWM (Pulse Width Modulation) applications.
* **Small Footprint**: The SOT-23 package is ideal for high-density circuit boards.
---
### 4. Typical Applications
This MOSFET is commonly found in the following circuits:
1. **DC/DC Converters**: Used in buck or boost regulators.
2. **Load Switching**: Controlling power to specific sub-systems in portable electronics.
3. **Motor Drivers**: Small DC motor control or fan controllers.
4. **Battery Management**: Power path management in mobile devices.
---
### 5. Circuit Implementation Example
A basic low-side switch configuration using the UT2304G is shown below:
```text
VCC (e.g., 12V)
|
[LOAD]
|
+------- Drain (Pin 3)
|
Gate (Pin 1) ---| (UT2304G)
|
+------- Source (Pin 2)
|
GND
```
- ⤷
What are the equivalent alternative parts for the UT2304G?
- ⤷ How does the gate-source threshold voltage (Vgs(th)) impact its use with 3.3V logic?
- ⤷ What is the maximum power dissipation (Pd) for this SOT-23 package?