công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • UT2301G-AE3-R

  • AI
    ## Technical Overview of UT2301G-AE3-R The **UT2301G-AE3-R** is a P-Channel enhancement mode Field Effect Transistor (MOSFET) manufactured by Unisonic Technologies (UTC). It is designed specifically for low-voltage, high-speed switching applications. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the device: | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | -20 V | | **Gate-Source Voltage** | $V_{GSS}$ | ±8 V | | **Continuous Drain Current** | $I_D$ | -2.3 A | | **Pulsed Drain Current** | $I_{DM}$ | -10 A | | **Power Dissipation** | $P_D$ | 0.5 W | | **Drain-Source On-Resistance** | $R_{DS(ON)}$ | 130 mΩ @ $V_{GS}$ = -4.5V | | **Package Type** | SOT-23 | Surface Mount | --- ### 2. Physical and Pin Configuration The "AE3" in the part number indicates the **SOT-23** package, which is a standard small-outline transistor package with three leads. 1. **Gate (G):** Controls the flow of current between Drain and Source. 2. **Source (S):** The terminal through which the majority carriers enter the channel. 3. **Drain (D):** The terminal through which the majority carriers leave the channel. --- ### 3. Core Features * **Low On-Resistance:** Reduces power loss during the "ON" state, improving efficiency in battery-powered devices. * **Low Threshold Voltage:** Operates efficiently even with low logic-level gate voltages. * **High Speed Switching:** Capable of rapid transitions, making it suitable for PWM (Pulse Width Modulation) applications. * **Halogen-Free:** The "G" in the suffix usually denotes a Green/Halogen-free product. --- ### 4. Common Applications The UT2301G is widely used in portable electronics due to its small footprint and low voltage requirements: * **Power Management:** Used as a load switch to connect or disconnect power rails. * **Battery Protection:** Integrated into BMS (Battery Management Systems) for Li-ion cells. * **DC-DC Converters:** Acts as a switching element in buck or boost regulators. * **LED Driving:** Used to control high-brightness LEDs in mobile devices. --- ### 5. Part Number Breakdown * **UT2301**: Base model number. * **G**: Halogen-free / Green material. * **AE3**: SOT-23 Package type. * **R**: Tape and Reel packaging (standard for automated SMT assembly).
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the UT2301G?
    • ⤷ How does the P-Channel MOSFET differ from an N-Channel in terms of circuit design?
    • ⤷ What is the maximum junction temperature for this specific MOSFET?