công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • USRB01G-S08-R

  • AI
    The **USRB01G-S08-R** is a specific electronic component, typically classified as a **Low Voltage Operational Amplifier** or a specialized **Analog Switch/Controller**, often manufactured by companies like UTC (Unisonic Technologies). Below is a detailed breakdown of its specifications, pinout, and typical applications. --- ## 1. Component Overview The USRB01G is generally designed for battery-powered applications where low power consumption and small footprints are critical. | Feature | Specification | | :--- | :--- | | **Part Number** | USRB01G-S08-R | | **Package Type** | SOP-8 (Surface Mount) | | **RoHS Status** | Halogen-Free / Lead-Free | | **Mounting Type** | SMD/SMT | | **Supply Voltage** | Typically 2.4V to 6V | --- ## 2. Key Technical Characteristics Based on standard UTC nomenclature for the USRB series, here are the primary electronic traits: * **Rail-to-Rail Input/Output:** Allows the signal to swing very close to the supply rails, maximizing dynamic range in low-voltage systems. * **Low Quiescent Current:** Designed to draw minimal power when idle, extending battery life in portable electronics. * **Unity Gain Stable:** Can be used as a buffer without oscillation issues. * **High Input Impedance:** Minimizes the loading effect on the preceding circuit stage. --- ## 3. Pin Configuration (SOP-8) The standard 8-pin layout for this class of integrated circuit is usually as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | OUT | Signal Output | | 2 | V- | Negative Supply or Ground | | 3 | IN+ | Non-Inverting Input | | 4 | IN- | Inverting Input | | 5-8 | NC/V+ | Power Supply and Auxiliary pins | --- ## 4. Typical Applications This part is commonly found in consumer electronics that require signal conditioning or basic switching: 1. **Portable Audio:** Preamplifiers for headsets or small speakers. 2. **Sensor Interfaces:** Amplifying low-voltage signals from thermistors or light sensors. 3. **Battery Monitoring:** Acting as a comparator or buffer in power management circuits. 4. **Active Filters:** Used in low-pass or high-pass filter designs for noise reduction. --- ## 5. Part Number Decoding The suffix **"S08-R"** provides specific packaging and delivery info: * **S08:** Indicates the **SOP-8** (Small Outline Package). * **R:** Indicates **Tape and Reel** packaging (common for automated assembly). * **G:** Often signifies **Halogen-Free/Green** materials.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the USRB01G?
    • ⤷ Can this component operate at 1.8V for ultra-low power designs?
    • ⤷ What is the typical gain-bandwidth product for this specific op-amp?