công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • USL3633G-S08-R

  • AI
    ## USL3633G-S08-R: Technical Overview The **USL3633G-S08-R** is a specialized integrated circuit manufactured by **UTC (Unisonic Technologies)**. It is primarily categorized as a **High-Performance Linear Constant Current LED Driver**, commonly used in lighting applications where stability and space efficiency are critical. --- ### 1. Key Technical Specifications Below is a breakdown of the electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Part Number** | USL3633G-S08-R | | **Package Type** | SOP-8 (Small Outline Package) | | **Function** | Linear Constant Current LED Driver | | **Channels** | Single Channel | | **Output Current** | Programmable (up to 350mA depending on configuration) | | **Operating Voltage** | Low Dropout Voltage (typically < 0.5V) | | **Protection Features** | Over Temperature Protection (OTP), Short Circuit Protection | | **Halogen Free** | Yes (indicated by the 'G' suffix) | --- ### 2. Electronic Internal Architecture The device is designed to maintain a consistent current flow through an LED string regardless of fluctuations in the input voltage. Its internal circuitry typically includes: 1. **Reference Voltage Source:** Provides a stable baseline to compare the output current. 2. **Error Amplifier:** Adjusts the output based on the feedback from the current-sensing resistor. 3. **Pass Transistor:** A power MOSFET or BJT that regulates the current (integrated on-chip to save space). 4. **Thermal Shutdown Circuitry:** Monitors the junction temperature and reduces current if the chip becomes too hot to prevent failure. --- ### 3. Pin Configuration (Typical SOP-8) While always refer to the specific datasheet for wiring, the standard SOP-8 layout for this series usually follows this logic: * **VDD:** Power supply input. * **OUT:** Output terminal connected to the LED cathode. * **REXT:** Connection for an external resistor to set the desired output current. * **GND:** Ground reference. * **NC:** No internal connection (used for physical stability on the PCB). --- ### 4. Applications * **LED Strip Lighting:** Maintaining uniform brightness across long strips. * **Automotive Interior Lighting:** Providing stable current despite battery voltage fluctuations. * **Signage and Displays:** Ensuring longevity of LEDs by preventing overcurrent. * **General Illumination:** Used in bulbs and downlights where a simple, low-EMI solution is preferred over switching regulators. --- ### 5. Part Number Nomenclature Decoding * **USL3633:** The base model/series number. * **G:** Halogen-free and RoHS compliant. * **S08:** Indicates the **SOP-8** package style. * **R:** Tape & Reel packaging (standard for automated SMT assembly). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage rating for the USL3633G?
    • ⤷ How do I calculate the value of the external resistor (REXT) for a specific current?
    • ⤷ What are the thermal management requirements for an SOP-8 LED driver at 350mA?