công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • US3276XG-S08-R

  • AI
    The **US3276XG-S08-R** is a specific integrated circuit, typically categorized as a **High-Side Power Switch** or a **USB Power Distribution Switch**. These components are essential in modern electronics for protecting power ports (like USB) from over-current and short-circuit conditions. --- ### 1. General Specifications The part is often manufactured by companies like **UTC (Unisonic Technologies)**. Below is a breakdown of its technical characteristics: | Parameter | Specification (Typical) | |:---|:---| | **Function** | Single Channel Power Distribution Switch | | **Package Type** | SOP-8 (Small Outline Package) | | **Input Voltage Range** | 2.7V to 5.5V | | **Current Limit** | Typically 0.6A to 2.0A (Fixed or Adjustable) | | **On-Resistance (Rds ON)** | ~80mΩ to 100mΩ | | **Protection Features** | Over-current, Short-circuit, Thermal Shutdown | --- ### 2. Key Internal Components The internal architecture of the US3276XG includes several critical sub-systems: * **N-Channel MOSFET:** The primary "gatekeeper" that allows or blocks current flow from the input to the output. * **Charge Pump:** Since it uses an N-Channel MOSFET on the high side, an internal charge pump boosts the gate voltage above the input voltage to ensure the switch turns on fully. * **Current Limit Circuit:** Monitors the voltage drop across the MOSFET. If the load pulls more current than the threshold, it limits the flow to prevent damage. * **Thermal Sensor:** Monitors the silicon temperature. If the device gets too hot (due to a short circuit), it automatically shuts down (Thermal Shutdown). --- ### 3. Pinout Configuration (SOP-8) The standard pin mapping for this series generally follows this structure: | Pin Number | Name | Description | |:---:|:---|:---| | 1 | **GND** | Ground reference | | 2, 3 | **IN** | Input Voltage (Power source) | | 4 | **EN** | Enable pin (High or Low logic to turn the chip on) | | 5 | **FLG** | Fault Flag (Output pin to alert the MCU of an error) | | 6, 7, 8 | **OUT** | Output Voltage (To the load/USB port) | --- ### 4. Typical Applications This part is commonly found in: * **USB Hubs:** To protect the host PC from a faulty USB device. * **Laptops/Motherboards:** Managing power delivery to peripheral ports. * **Set-top Boxes:** Protecting internal power rails. * **Hot-plugging systems:** Preventing voltage spikes when devices are plugged in live. --- ### 5. Part Number Breakdown * **US3276:** The base series number. * **XG:** Often refers to specific voltage or current limit ratings (refer to datasheet for specific G/L variants). * **S08:** Indicates the **SOP-8** package type. * **R:** Indicates **Tape & Reel** packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Active-High and Active-Low Enable pins for this chip?
    • ⤷ How does the Fault (FLG) pin communicate with a microcontroller?
    • ⤷ What are the recommended decoupling capacitor values for the IN and OUT pins?