AI

The **US2AB** is a high-efficiency, surface-mount **Ultra-Fast Rectifier Diode**. It belongs to the "US2" series and is typically housed in an **SMB (DO-214AA)** package. It is designed for applications where high switching speeds and low power loss are critical.
---
### 1. Key Technical Specifications
The electrical characteristics of the US2AB determine its suitability for high-speed rectification.
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Maximum Repetitive Reverse Voltage ($V_{RRM}$)** | 50V | The maximum voltage the diode can withstand in reverse bias. |
| **Average Forward Current ($I_{F(AV)}$)** | 2.0A | The maximum continuous current allowed through the diode. |
| **Peak Forward Surge Current ($I_{FSM}$)** | 50A | Maximum current spike the diode can handle (8.3ms half sine-wave). |
| **Reverse Recovery Time ($t_{rr}$)** | < 50ns | The time it takes for the diode to stop conducting after switching. |
| **Forward Voltage Drop ($V_F$)** | ~1.0V | Voltage lost across the diode when conducting at 2.0A. |
| **Operating Temperature Range** | -55°C to +150°C | The thermal limits for safe operation. |
---
### 2. Physical Characteristics & Package
The US2AB is designed for automated surface mount assembly.
* **Package Type:** SMB (DO-214AA).
* **Case Material:** Molded plastic, UL Flammability Classification 94V-0.
* **Polarity:** Color band denotes the **Cathode** end.
* **Terminals:** Solderable per MIL-STD-750, Method 2026.
---
### 3. Key Features
* **Ultra-Fast Switching:** With a recovery time ($t_{rr}$) of 50 nanoseconds or less, it minimizes switching losses in high-frequency circuits.
* **Low Reverse Leakage:** It prevents power waste when the diode is in the "off" state.
* **High Current Capability:** Despite its small footprint, it handles up to 2.0 Amperes.
* **Glass Passivated Chip Junction:** Enhances reliability and stability under high-temperature conditions.
---
### 4. Common Applications
The US2AB is primarily used in power management and signal processing:
1. **Switching Power Supplies (SMPS):** Used for output rectification.
2. **Inverters:** High-speed switching in DC-to-AC conversion.
3. **Freewheeling Diode:** Protects circuits from inductive voltage spikes in motors or relays.
4. **DC-DC Converters:** Essential for buck/boost regulators operating at high frequencies.
---
### 5. Part Numbering Breakdown
In the US2x series (e.g., US2AB, US2BB, US2DB):
* **US:** Ultra-Fast Series.
* **2:** Rated for 2.0 Amperes.
* **A:** Voltage rating code (A = 50V, B = 100V, D = 200V, etc.).
* **B:** Denotes the SMB package size.
- ⤷
What are the main differences between the US2AB and a standard 1N4007 diode?
- ⤷ How does the reverse recovery time impact the efficiency of a power supply?
- ⤷ Can the US2AB be used as a replacement for a Schottky diode in low-voltage applications?