công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • US2829G-AF5-R

  • AI
    The **US2829G-AF5-R** is a specific electronic component manufactured by **UTC (Unisonic Technologies)**. It is a high-precision, low-dropout (LDO) linear voltage regulator designed primarily for power management applications where space and noise sensitivity are critical. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the US2829G-AF5-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | CMOS LDO Voltage Regulator | | **Output Type** | Fixed | | **Input Voltage Range** | Up to 6.0V | | **Output Voltage** | Typically 1.8V to 5.0V (varies by sub-code) | | **Maximum Output Current** | 300mA - 400mA | | **Package Type** | SOT-25 / SOT-23-5 | | **Dropout Voltage** | Low (approx. 200mV @ 100mA) | | **Quiescent Current** | Low power consumption (approx. 50µA - 90µA) | --- ### 2. Part Number Breakdown Understanding the suffix helps identify the specific physical and chemical properties: * **US2829**: The base series number for the LDO. * **G**: Indicates **Halogen-Free** and RoHS compliance (Green product). * **AF5**: Refers to the **SOT-25** (also known as SOT-23-5) package type. * **R**: Indicates the packaging method is **Tape and Reel**. --- ### 3. Functional Features 1. **Enable (EN) Pin**: This part usually includes an ON/OFF control pin, allowing the system to enter a shutdown mode to save battery life. 2. **Stability**: It is designed to be stable even with low-ESR ceramic capacitors, which helps reduce the total PCB footprint. 3. **Protection Circuits**: * **Thermal Shutdown**: Protects the IC from overheating. * **Current Limiting**: Prevents damage during short-circuit conditions or overcurrent events. --- ### 4. Typical Applications This component is commonly found in portable, battery-powered electronics, including: * Cellular phones and smartphones. * Digital cameras and camcorders. * Wireless LAN equipment. * Battery-powered handheld instruments. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact fixed output voltage for the 'G-AF5-R' variant?
    • ⤷ What are the pinout definitions for the SOT-25 package of this IC?
    • ⤷ Can this regulator be used with tantalum capacitors instead of ceramic?