US206HG-10-AF5-R
AI

The **US206HG-10-AF5-R** is a specific part number belonging to a family of Linear Voltage Regulators, typically manufactured by UTC (Unisonic Technologies Co., Ltd). It is a Low Dropout (LDO) regulator designed for high-speed response and low noise applications.
---
### 1. Part Number Breakdown
While manufacturer coding can vary, the typical breakdown for this series is as follows:
| Component Segment | Description |
| :--- | :--- |
| **US206** | Series Identifier (High-speed LDO Regulator) |
| **HG** | High Accuracy / Specific Grade classification |
| **10** | Output Voltage (1.0V Fixed) |
| **AF5** | Package Code (typically SOT-25 / SOT-23-5) |
| **R** | Tape and Reel (Packaging method) |
---
### 2. Key Technical Specifications
This electronic part is engineered for stability even with low-ESR ceramic capacitors.
| Feature | Specification |
| :--- | :--- |
| **Type** | CMOS Low Dropout (LDO) Regulator |
| **Input Voltage Range** | Up to 6.0V |
| **Output Voltage** | 1.0V (Fixed) |
| **Output Current** | ~600mA (depending on thermal conditions) |
| **Dropout Voltage** | Low (typically < 200mV at partial load) |
| **Quiescent Current** | Low power consumption (~50-70µA) |
| **Protection** | Thermal Shutdown & Current Limiting |
---
### 3. Pin Configuration (AF5 Package)
The **SOT-23-5 (AF5)** package typically follows this pinout:
1. **VIN**: Input Voltage Supply.
2. **GND**: Ground Reference.
3. **CE / EN**: Chip Enable (High = On, Low = Off).
4. **NC / ADJ**: No connection (for fixed versions) or Feed-forward pin.
5. **VOUT**: Regulated Output Voltage.
---
### 4. Typical Applications
* **Mobile Devices**: Smartphones, tablets, and handheld electronics.
* **Battery Powered Gear**: Due to low quiescent current.
* **RF Modules**: High PSRR (Power Supply Rejection Ratio) makes it suitable for noise-sensitive circuits.
* **Camera Modules**: Used to provide clean power to image sensors.
---
### 5. Implementation Example
In a standard circuit, you would typically use two ceramic capacitors to ensure stability:
```cpp
// Schematic Logic
[Input Voltage] ----(1uF Cap)---- [VIN Pin]
[VOUT Pin] ----(1uF Cap)---- [Load: 1.0V]
[Enable Logic] ----------------- [CE Pin]
[GND Pin] ------------------ [Common Ground]
```
- ⤷
What is the maximum power dissipation for the SOT-23-5 package in this series?
- ⤷ How does the 'HG' suffix specifically change performance compared to the standard 'US206'?
- ⤷ Are there pin-compatible alternatives from other manufacturers like TI or Microchip?