US203CLL-S08-R
AI

The **US203CLL-S08-R** is a specific integrated circuit (IC) part number typically associated with **Unisonic Technologies (UTC)**. It is a dual-channel low-dropout (LDO) linear regulator designed for power management in portable and battery-powered devices.
---
### ## Technical Specifications
The following table outlines the key technical parameters for the US203CLL-S08-R:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | CMOS Dual LDO Linear Regulator |
| **Output Voltage** | Fixed (Often 1.2V/1.8V or 2.8V/3.3V depending on suffix) |
| **Input Voltage Range** | 2.5V to 6.0V |
| **Output Current** | 300mA per channel |
| **Quiescent Current** | ~50µA (Low power consumption) |
| **Dropout Voltage** | ~200mV at 100mA load |
| **Package Type** | SOP-8 (Small Outline Package) |
| **Mounting Type** | Surface Mount (SMD) |
---
### ## Internal Block Features
This IC integrates several protection and functional features to ensure stability and safety in electronic circuits:
1. **Dual Independent Outputs:** It provides two separate voltage outputs from a single input, saving PCB space.
2. **Enable Pins (EN):** Each regulator usually features an independent enable pin for power sequencing.
3. **Current Limiting:** Protects the IC and the load from overcurrent or short-circuit conditions.
4. **Thermal Shutdown:** Automatically powers down the chip if the internal temperature exceeds safe operating limits.
5. **Low Noise:** Designed to minimize output ripple, making it suitable for RF and analog sensor applications.
---
### ## Part Number Breakdown
The naming convention follows the UTC standard:
* **US203:** Series identifier for the dual 300mA LDO.
* **CLL:** Voltage code (Specifics vary by datasheet, but usually denote fixed output combinations).
* **S08:** Indicates the **SOP-8** package.
* **R:** Denotes **Tape and Reel** packaging for automated assembly.
---
### ## Typical Application Circuit
In a standard circuit, the device requires minimal external components, primarily ceramic capacitors for stability.
```cpp
// Schematic representation of pin connections
Pin 1 (VIN): Input Power (Connect to 5V)
Pin 2 (EN1): Enable Channel 1 (Logic High)
Pin 3 (VOUT1): Output 1 (e.g., 1.8V to MCU)
Pin 4 (GND): System Ground
Pin 5 (GND): System Ground
Pin 6 (VOUT2): Output 2 (e.g., 3.3V to Sensors)
Pin 7 (EN2): Enable Channel 2 (Logic High)
Pin 8 (VIN): Input Power (Redundant Input)
```
- ⤷What are the specific output voltage values for the CLL suffix?
- ⤷ What is the maximum operating temperature for this IC?
- ⤷ Can you provide a list of equivalent cross-reference parts?