US203CHL-AF5-R
AI

The **US203CHL-AF5-R** is a specific electronic component typically manufactured by **UTC (Unisonic Technologies Co.)**. It belongs to the family of **low-dropout (LDO) linear regulators** or specialized power management ICs.
Below is a detailed breakdown of its specifications and characteristics.
---
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Part Number** | US203CHL-AF5-R |
| **Manufacturer** | UTC (Unisonic Technologies) |
| **Package Type** | SOT-25 / SOT-23-5 |
| **Function** | Power Management / Voltage Regulation |
| **Mounting Type** | Surface Mount (SMD) |
| **Packing Type** | Tape & Reel (indicated by the "-R" suffix) |
### 2. Part Number Breakdown (Nomenclature)
To understand the specific traits of this part, we can decode the suffix:
* **US203C**: The base model series (commonly a high-side power switch or LDO).
* **H**: Often indicates high performance or specific voltage tolerance.
* **L**: Lead-free/Halogen-free (Green product).
* **AF5**: Refers to the physical package style (SOT-25).
* **R**: Tape and Reel packaging.
### 3. Key Technical Features
Based on the standard US203 series architecture, these parts usually offer:
1. **Low On-Resistance:** Designed to minimize power dissipation.
2. **Protection Circuits:**
* **Over-Current Protection:** Limits current to prevent damage during a short circuit.
* **Thermal Shutdown:** Automatically turns off if the internal temperature exceeds a safe threshold (usually around 150°C).
* **Under-Voltage Lockout (UVLO):** Ensures the device only operates when the input voltage is within a functional range.
3. **Soft Start:** Reduces inrush current during startup to protect the source supply.
---
### 4. Typical Pin Configuration (SOT-25)
*Standard SOT-25 layouts for these regulators usually follow this pattern:*
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **VIN** | Input Voltage Supply |
| 2 | **GND** | Ground |
| 3 | **EN / ON** | Enable pin (Logic high to turn on) |
| 4 | **NC / FLAG** | No Connect or Error Flag (indicates fault) |
| 5 | **VOUT** | Regulated Output Voltage |
---
### 5. Common Applications
* **USB Power Distribution:** Managing power for USB ports in laptops or hubs.
* **Battery Powered Devices:** Providing stable voltage in handheld electronics.
* **Hot-Plug Protections:** Protecting internal circuits when external peripherals are connected.
- ⤷
What is the maximum output current for the US203CHL-AF5-R?
- ⤷ Is there a direct equivalent from manufacturers like Texas Instruments or Diodes Inc?
- ⤷ What is the typical input voltage range for this IC?