công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • US203BLG-AF5-R

  • AI
    ## US203BLG-AF5-R: Technical Overview The **US203BLG-AF5-R** is a high-precision, low-dropout (LDO) linear voltage regulator typically manufactured by UTC (Unisonic Technologies Co., Ltd). It is designed for applications requiring stable voltage output with minimal power loss. --- ### 1. Part Number Breakdown Understanding the suffix helps identify the specific physical and electrical characteristics: | Code Segment | Meaning | Details | | :--- | :--- | :--- | | **US203** | Series Name | Low Dropout Linear Regulator series | | **B** | Version | Specific internal circuitry or voltage accuracy | | **LG** | Lead-Free/Halogen-Free | Green packaging compliance | | **AF5** | Package Type | **SOT-25** (also known as SOT-23-5) | | **R** | Packing | Tape & Reel | --- ### 2. Key Specifications The electronic components within this IC are optimized for portable devices. * **Output Voltage:** Fixed output (Typically 3.0V or 3.3V depending on the specific internal laser trimming, though "B" often denotes a specific voltage class). * **Maximum Output Current:** Usually rated up to **300mA**. * **Dropout Voltage:** Extremely low, typically around **200mV to 300mV** at full load. * **Quiescent Current:** Very low (around 60-90µA), extending battery life in standby modes. * **Input Voltage Range:** Up to 6V. --- ### 3. Pin Configuration (SOT-25) The device features five pins, each serving a critical role in the regulation circuit: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **VIN** | Input Supply Voltage | | 2 | **GND** | Ground | | 3 | **EN / CE** | Chip Enable (High = On, Low = Shutdown) | | 4 | **NC / BYP** | No connection or Bypass capacitor for noise reduction | | 5 | **VOUT** | Regulated Output Voltage | --- ### 4. Critical Internal Components As an integrated circuit, the US203BLG contains several key sub-circuits: 1. **Reference Voltage Source:** A bandgap reference that stays stable across temperature changes. 2. **Error Amplifier:** Compares the output voltage to the reference and adjusts the pass transistor. 3. **Pass Transistor:** A P-channel MOSFET that controls the current flow from IN to OUT. 4. **Protection Circuitry:** Includes **Thermal Shutdown** (turns off if too hot) and **Current Limiting** (prevents damage during a short circuit). --- ### 5. Application Circuit Example To use this part effectively, external capacitors are required for stability: ```text Input (VIN) ----[ C1: 1uF ]----( Pin 1 ) ( Pin 5 )----[ C2: 1uF ]---- Output (VOUT) Enable Signal -----------------( Pin 3 ) Ground ------------------------( Pin 2 ) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact fixed output voltage for the 'B' variant of this IC?
    • ⤷ Can this LDO be used with ceramic capacitors?
    • ⤷ What are the thermal protection limits for the US203 series?